Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801ARS-0 Datasheet(PDF) 34 Page - Powertip Technology

Part # PC0801ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARS-0 Datasheet(HTML) 34 Page - Powertip Technology

Back Button PC0801ARS-0 Datasheet HTML 30Page - Powertip Technology PC0801ARS-0 Datasheet HTML 31Page - Powertip Technology PC0801ARS-0 Datasheet HTML 32Page - Powertip Technology PC0801ARS-0 Datasheet HTML 33Page - Powertip Technology PC0801ARS-0 Datasheet HTML 34Page - Powertip Technology PC0801ARS-0 Datasheet HTML 35Page - Powertip Technology PC0801ARS-0 Datasheet HTML 36Page - Powertip Technology PC0801ARS-0 Datasheet HTML 37Page - Powertip Technology PC0801ARS-0 Datasheet HTML 38Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
ST7066U
V2.0
2001/03/01
11/42
When display shift operation is performed, the DDRAM address shifts. See Figure 5.
Figure 4 2-Line Display
Figure 5 2-Line by 8-Character Display Example
Case 2: For a 16-character
× 2-line display, the ST7066U can be extended using one 40-output
extension driver. See Figure 6.
When display shift operation is performed, the DDRAM address shifts. See Figure 6.
Figure 6 2-Line by 16-Character Display Example
DDRAM
Address
Display
Position
00
01
02
03
04
05
06
27
For
Shift Right
00
01
02
03
04
05
06
07
1
2
3
4
5
6
8
7
40
41
42
43
44
45
46
47
08
01
02
03
04
05
06
07
For
Shift Left
48
41
42
43
44
45
46
47
40
41
42
43
44
45
46
67
DDRAM
Address
Display
Position
For
Shift
Right
00
01
02
03
04
05
06
07
1
2
3
4
5
6
8
7
40
41
42
43
44
45
46
47
For
Shift
Left
08
01
02
03
04
05
06
07
48
41
42
43
44
45
46
47
00
01
02
03
04
05
06
27
40
41
42
43
44
45
46
67
08
09
0A
0B
0C
0D
0E
0F
9
10
11
12
13
14
16
15
48
49
4A
4B
4C
4D
4E
4F
10
09
0A
0B
0C
0D
0E
0F
50
49
4A
4B
4C
4D
4E
4F
08
09
0A
0B
0C
0D
0E
07
48
49
4A
4B
4C
4D
4E
47
DDRAM
Address
(hexadecimal)
00
01
02
03
04
05
25
26
27
………………..
1
2
3
4
5
6
40
39
38
Display
Position
40
41
42
43
44
45
65
66
67
………………..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com