Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC0801ARS-0 Datasheet(PDF) 52 Page - Powertip Technology

Part # PC0801ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC0801ARS-0 Datasheet(HTML) 52 Page - Powertip Technology

Back Button PC0801ARS-0 Datasheet HTML 48Page - Powertip Technology PC0801ARS-0 Datasheet HTML 49Page - Powertip Technology PC0801ARS-0 Datasheet HTML 50Page - Powertip Technology PC0801ARS-0 Datasheet HTML 51Page - Powertip Technology PC0801ARS-0 Datasheet HTML 52Page - Powertip Technology PC0801ARS-0 Datasheet HTML 53Page - Powertip Technology PC0801ARS-0 Datasheet HTML 54Page - Powertip Technology PC0801ARS-0 Datasheet HTML 55Page - Powertip Technology PC0801ARS-0 Datasheet HTML 56Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
ST7066U
V2.0
2001/03/01
29/42
!"
Supply Voltage for LCD Drive
There are different voltages that supply to ST7066U’s pin (V1 - V5) to obtain LCD drive waveform. The relations
of the bias, duty factor and supply voltages are shown as below:
Duty Factor
1/8, 1/11
1/16
Bias
Supply Voltage
1/4
1/5
V1
Vcc - 1/4VLCD
Vcc - 1/5VLCD
V2
Vcc - 1/2VLCD
Vcc - 2/5VLCD
V3
Vcc - 1/2VLCD
Vcc - 3/5VLCD
V4
Vcc - 3/4VLCD
Vcc - 4/5VLCD
V5
Vcc - VLCD
Vcc- VLCD
VCC
V1
V2
V3
V4
V5
R
R
R
R
VR
-5V
VCC(+5V)
1/4 bias
(1/8, 1/11 duty cycle)
VLCD
VCC
V1
V2
V3
V4
V5
R
R
R
R
VR
-5V
VCC(+5V)
1/5 bias
(1/16 duty cycle)
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com