Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101UG/D Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-23
PB23
FCC2: TXD1
MII and HDLC nibble
SI1 TDMA1: L1RXD2
TDM nibble
SI2 TDMD2: L1TXD
TDM serial
Output
Input
Output
FCC2: MII and HDLC Nibble: Transmit Data Bit 1
TXD1 is bit 1 of the transmit data nibble.
Time-Division Multiplexing A1: Nibble Layer 1 Receive Data Bit 2
L1RXD2 is bit 2 of the receive data nibble.
Time-Division Multiplexing D2: Layer 1 Transmit Data
TDMA1 transmits serial data out of L1TXD.
PB22
FCC2: TXD0
MII and HDLC nibble
FCC2: TXD
HDLC serial and transparent
SI1 TDMA1: L1RXD1
TDM nibble
SI2 TDMD2: L1RXD
TDM serial
Output
Output
Input
Input
FCC2: MII and HDLC Nibble Transmit Data Bit 0
TXD0 is bit 0 and the least significant bit of the transmit data nibble.
FCC2: HDLC Serial and Transparent Transmit Data
Serial data is transmitted via TXD.
Time-Division Multiplexing A1: Nibble Layer 1 Receive Data Bit 1
L1RXD1 is bit 1 of the receive data nibble.
Time-Division Multiplexing D2: Layer 1 Receive Data
Serial data is received via L1RXD.
PB21
FCC2: RXD0
MII and HDLC nibble
FCC2: RXD
HDLC serial and transparent
SI1 TDMA1: L1TXD2
TDM nibble
SI2 TDMD2: L1TSYNC
TDM serial
Input
Input
Output
Input
FCC2: MII and HDLC Nibble Receive Data Bit 0
RXD0 is bit 0 and the least significant bit of the receive data nibble.
FCC2: HDLC Serial and Transparent Receive Data
Serial data is received via RXD.
Time-Division Multiplexing A1: Nibble Layer 1 Transmit Data Bit 2
L1TXD2 is bit 2 of the transmit data nibble.
Time-Division Multiplexing D2: Layer 1 Transmit Synchronize Data
The synchronizing signal for the transmit channel. See the
Serial
Interface with Time-Slot Assigner chapter in the MSC8103 Reference
Manual.
PB20
FCC2: RXD1
MII and HDLC nibble
SI1 TDMA1: L1TXD1
TDM nibble
SI2 TDMD2: L1RSYNC
TDM serial
Input
Output
Input
FCC2: MII and HDLC Nibble: Receive Data Bit 1
RXD1 is bit 1 of the receive data nibble.
Time-Division Multiplexing A1: Nibble Layer 1 Transmit Data Bit 1
L1TXD1 is bit 1 of the transmit data nibble.
Time-Division Multiplexing D2: Layer 1 Receive Synchronize Data
The synchronizing signal for the receive channel.
PB19
FCC2: RXD2
MII and HDLC nibble
I2C: SDA
Input
Input/ Output
FCC2: MII and HDLC Nibble Receive Data Bit 2
RXD2 is bit 2 of the receive data nibble.
I2C: Inter-Integrated Circuit Serial Data
The I2C interface comprises two signals: serial data (SDA) and serial
clock (SDA). The I2C controller uses a synchronous, multimaster bus
that can connect several integrated circuits on a board. Clock rates run
up to 520 kHz@25 MHz system clock.
Table 1-8.
Port B Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com