Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101UG/D Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
Reset, Configuration, and EOnCE Event Signals
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-5
1.3 Reset, Configuration, and EOnCE Event Signals
CLKOUT
Output
Clock Out
The system bus clock.
DLLIN
Input
DLLIN
Synchronizes with an external device.
Note:
When the DLL is disabled, connect this signal to GND.
Table 1-4.
Reset, Configuration, and EOnCE Event Signals
Signal Name
Type
Signal Description
DBREQ
EE01
Input
Input
Output
Debug Request
Determines whether to go into SC140 Debug mode when PORESET is deasserted.
Enhanced OnCE (EOnCE) Event 0
After PORESET is deasserted, you can configure EE0 as an input (default) or an output.
Debug request, enable Address Event Detection Channel 0, or generate an EOnCE event.
Detection by Address Event Detection Channel 0. Used to trigger external debugging equipment.
HPE
EE11
Input
Input
Output
Host Port Enable
When this pin is asserted during PORESET, the Host port is enabled, the system data bus is 32 bits
wide, and the Host
must program the reset configuration word.
EOnCE Event 1
After PORESET is deasserted, you can configure EE1 as an input (default) or an output.
Enable Address Event Detection Channel 1 or generate an EOnCE event.
Debug Acknowledge or detection by Address Event Detection Channel 1. Used to trigger external
debugging equipment.
EE21
Input
Output
EOnCE Event 2
After PORESET is deasserted, you can configure EE2 as an input (default) or an output.
Enable Address Event Detection Channel 2 or generate an EOnCE event or enable the Event
Counter.
Detection by Address Event Detection Channel 2. Used to trigger external debugging equipment.
EE31
Input
Output
EOnCE Event 3
After PORESET is deasserted, you can configure EE3 as an input (default) or an output. See the
emulation and debug chapter in the
SC140 DSP Core Reference Manual for details on the ERCV
Register.
Enable Address Event Detection Channel 3 or generate one of the EOnCE events.
The DSP has read the EOnCE Receive Register (ERCV). Triggers external debugging equipment.
Table 1-3.
Clock Signals (Continued)
Signal Name
Type
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com