Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101UG/D Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-6
Freescale Semiconductor
Signals/Connections
1.4 System Bus, HDI16, and Interrupt Signals
The system bus, HDI16, and interrupt signals are grouped together because they use a common set of signal lines.
Individual assignment of a signal to a specific signal line is configured through registers in the System Interface
Unit (SIU) and the Host Interface (HDI16). 1-5 describes the signals in this group.
Note:
To boot from the host interface, the HDI16 must be enabled by pulling up the HPE signal line during
PORESET
. The configuration word must then be loaded from the host. The configuration word must set the
Internal Space Port Size bit in the Bus Control Register (BCR[ISPS]) to change the system data bus width
from 64 bits to 32 bits and reassign the upper 32 bits to their HDI16 functions. Never set the Host Port
Enable (HEN) bit in the Host Port Control Register (HPCR) to enable the HDI16, unless the bus size is
first changed from 64 bits to 32 bits. Otherwise, unpredictable operation may occur.
BTM[0–1]
EE41
EE51
Input
Input
Output
Input
Output
Boot Mode 0–1
Determines the MSC8103 boot mode when PORESET is deasserted. See the emulation and debug
chapter in the
SC140 DSP Core Reference Manual for details on how to set these pins.
EOnCE Event 4
After PORESET is deasserted, you can configure EE4 as an input (default) or an output. See the
emulation and debug chapter in the
SC140 DSP Core Reference Manual for details on the ETRSMT
Register.
Enable Address Event Detection Channel 4 or generate an EOnCE event.
The DSP wrote the EOnCE Transmit Register (ETRSMT). Triggers external debugging equipment.
EOnCE Event 5
After PORESET is deasserted, you can configure EE5 as an input (default) or an output.
Enable Address Event Detection Channel 5.
Detection by Address Event Detection Channel 5. Triggers external debugging equipment.
EED1
Input
Output
Enhanced OnCE (EOnCE) Event Detection
After PORESET is deasserted, you can configure EED as an input (default) or output:
Enable the Data Event Detection Channel.
Detection by the Data Event Detection Channel. Triggers external debugging equipment.
PORESET
Input
Power-On Reset
When asserted, this line causes the MSC8103 to enter power-on reset state.
RSTCONF
Input
Reset Configuration
Used during reset configuration sequence of the chip. A detailed explanation of its function is
provided in the “Power-On Reset Flow” and “Hardware Reset Configuration” sections of the
MSC8103 Reference Manual.
HRESET
Input
Hard Reset
When asserted, this open-drain line causes the MSC8103 to enter the hard reset state.
SRESET
Input
Soft Reset
When asserted, this open-drain line causes the MSC8103 to enter the soft reset state.
Note:
See the emulation and debug chapter in the
SC140 DSP Core Reference Manual for details on how to configure these pins.
Table 1-4.
Reset, Configuration, and EOnCE Event Signals (Continued)
Signal Name
Type
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com