Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101UG/D Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
CPM Ports
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-35
PD17
BRG2O
FCC1: RXPRTY
UTOPIA
SPI: SPIMOSI
Output
Input
Input/ Output
Baud Rate Generator 2 Output
The CPM supports up to 8 BRGs for use internally to the MSC8103
and/or to provide an output to one of the 8 BRG pins.
FCC1: UTOPIA Receive Parity
This is the odd parity bit for RXD[0–7].
SPI: Master Output Slave Input
The SPI interface comprises our signals: master out slave in (SPIMOSI),
master in slave out (SPIMISO), clock (SPICLK) and select (SPISEL).
The SPI can be configured as a slave or master in single- or multiple-
master environments. When the SPI is a slave, SPICLK is the clock
input that shifts received data in from SPIMOSI and transmitted data out
through SPIMISO.
PD16
FCC1: TXPRTY
UTOPIA
SPI: SPIMISO
Output
Input/ Output
FCC1: UTOPIA Transmit Parity
This is the odd parity bit for TXD[0–7].
SPI: Master Input Slave Output
The SPI interface comprises four signals: master out slave in
(SPIMOSI), master in slave out (SPIMISO), clock (SPICLK), and select
(SPISEL). The SPI can be configured as a slave or master in single- or
multiple-master environments. When the SPI is a slave, SPICLK is the
clock input that shifts received data in from SPIMOSI and transmitted
data out through SPIMISO.
PD7
SMC1: SMSYN
FCC1: TXADDR3
UTOPIA master
FCC1: TXADDR3
UTOPIA slave
FCC1: TXCLAV2
UTOPIA multi-PHY master, direct
polling
Input
Output
Input
Input
SMC1: Serial Management Synchronization
The SMC interface consists of SMTXD, SMRXD, SMSYN and a clock.
Not all signals are used for all applications. SMCs are full-duplex ports
that support three protocols or modes: UART, transparent or general-
circuit interface (GCI).
FCC1: UTOPIA Master Transmit Address Bit 3
This is master transmit address bit 3.
FCC1: UTOPIA Slave Transmit Address Bit 3
This is slave transmit address bit 3.
FCC1: UTOPIA Multi-PHY Master Transmit Cell Available 2 Direct
Polling
Asserted by an external UTOPIA slave PHY to indicate that it can accept
one complete ATM cell.
Table 1-10.
Port D Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated I/O
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com