Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8101UG/D Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-1
Physical and Electrical Specifications
2
This document contains detailed information on environmental limits, power considerations, DC/AC electrical
characteristics, and AC timing specifications for the MSC8103 communications processor, mask set 2K87M. For
additional information, see the MSC8103 Reference Manual.
2.1 Absolute Maximum Ratings
In calculating timing requirements, adding a maximum value of one specification to a minimum value of another
specification does not yield a reasonable sum. A maximum specification is calculated using a worst case variation
of process parameter values in one direction. The minimum specification is calculated using the worst case for the
same parameters in the opposite direction. Therefore, a “maximum” value for a specification never occurs in the
same device with a “minimum” value for another specification; adding a maximum to a minimum represents a
condition that can never exist. Table 2-1 describes the maximum electrical ratings for the MSC8103.
CAUTION
This device contains circuitry protecting against damage due to
high static voltage or electrical fields; however, normal precautions
should be taken to avoid exceeding maximum voltage ratings.
Reliability is enhanced if unused inputs are tied to an appropriate
logic voltage level (for example, either GND or VCC).
Table 2-1.
Absolute Maximum Ratings2
Rating
Symbol
Value
Unit
Core supply voltage3
VDD
–0.2 to 1.7
V
PLL supply voltage3
VCCSYN
–0.2 to 1.7
V
I/O supply voltage3
VDDH
–0.2 to 3.6
V
Input voltage3
VIN
(GND – 0.2) to 3.6
V
Maximum operating temperature range4
TJ
–40 to 120
°C
Storage temperature range
TSTG
–55 to +150
°C
Notes:
1.
Functional operating conditions are given in Table 2-2.
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the listed limits may affect device reliability or cause permanent damage.
3.
The input voltage must not exceed the I/O supply VDDH by more than 2.5 V at any time, including during power-on reset. In
turn, VDDH can exceed VDD/VCCSYN by more than 3.3 V during power-on reset, but for no more than 100 ms. VDDH should not
exceed VDD/VCCSYN by more than 2.1 V during normal operation. VDD/VCCSYN must not exceed VDDH by more than 0.4 V at
any time, including during power-on reset. See Section 4.2,
Electrical Design Considerations, on page 4-1 for more
information.
4.
Section 4.1,
Thermal Design Considerations, on page 4-1 includes a formula for computing the chip junction temperature
(TJ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com