Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W160 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M29W160
Description  16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M29W160 Datasheet HTML 10Page - STMicroelectronics M29W160 Datasheet HTML 11Page - STMicroelectronics M29W160 Datasheet HTML 12Page - STMicroelectronics M29W160 Datasheet HTML 13Page - STMicroelectronics M29W160 Datasheet HTML 14Page - STMicroelectronics M29W160 Datasheet HTML 15Page - STMicroelectronics M29W160 Datasheet HTML 16Page - STMicroelectronics M29W160 Datasheet HTML 17Page - STMicroelectronics M29W160 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
M29W160BT, M29W160BB
14/25
Figure 7. AC Testing Input Output Waveform
AI01417
3V
0V
1.5V
Figure 8. AC Testing Load Circuit
AI02762
0.8V
OUT
CL = 30pF or 100pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Table 13. Capacitance
(TA =25 °C, f = 1 MHz)
Note: Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
6pF
COUT
Output Capacitance
VOUT =0V
12
pF
Table 12. AC Measurement Conditions
Parameter
M29W160B
70
90
120
VCC Supply Voltage
3.0 to 3.6V
2.7 to 3.6V
2.7 to 3.6V
Load Capacitance (CL)
30pF
30pF
100pF
Input Rise and Fall Times
≤ 10ns
≤ 10ns
≤ 10ns
Input Pulse Voltages
0 to 3V
0 to 3V
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com