Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W160 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M29W160
Description  16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M29W160 Datasheet HTML 17Page - STMicroelectronics M29W160 Datasheet HTML 18Page - STMicroelectronics M29W160 Datasheet HTML 19Page - STMicroelectronics M29W160 Datasheet HTML 20Page - STMicroelectronics M29W160 Datasheet HTML 21Page - STMicroelectronics M29W160 Datasheet HTML 22Page - STMicroelectronics M29W160 Datasheet HTML 23Page - STMicroelectronics M29W160 Datasheet HTML 24Page - STMicroelectronics M29W160 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
M29W160BT, M29W160BB
24/25
Table 23. LFBGA48 - 8 x 6 balls, 0.80mm pitch, Package Mechanical Data
Symbol
mm
inch
Typ
Min
Max
Typ
Min
Max
A
1.350
0.0531
A1
0.300
0.200
0.350
0.0118
0.0079
0.0138
A2
0.750
1.000
0.0295
0.0394
b
0.300
0.550
0.0118
0.0217
D
9.000
8.800
9.200
0.3543
0.3465
0.3622
D1
5.600
–
–
0.2205
–
–
ddd
0.150
0.0059
e
0.800
–
–
0.0315
–
–
E
8.000
7.800
8.200
0.3150
0.3071
0.3228
E1
4.000
–
–
0.1575
–
–
FD
1.700
–
–
0.0669
–
–
FE
2.000
–
–
0.0787
–
–
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–
Figure 15. LFBGA48 - 8 x 6 balls, 0.80 mm pitch, Bottom View Package Outline
Drawing is not to scale.
E1
E
D1
D
eb
A2
A1
A
BGA-Z00
ddd
FD
FE
SD
SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com