Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W160 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M29W160
Description  16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M29W160 Datasheet HTML 15Page - STMicroelectronics M29W160 Datasheet HTML 16Page - STMicroelectronics M29W160 Datasheet HTML 17Page - STMicroelectronics M29W160 Datasheet HTML 18Page - STMicroelectronics M29W160 Datasheet HTML 19Page - STMicroelectronics M29W160 Datasheet HTML 20Page - STMicroelectronics M29W160 Datasheet HTML 21Page - STMicroelectronics M29W160 Datasheet HTML 22Page - STMicroelectronics M29W160 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
M29W160BT, M29W160BB
Table 18. Reset/Block Temporary Unprotect AC Characteristics
(TA = 0 to 70°C or –40 to 85°C)
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
M29W160B
Unit
70
90
120
tPHWL
(1)
tPHEL
tPHGL
(1)
tRH
RP High to Write Enable Low, Chip Enable
Low, Output Enable Low
Min
50
50
50
ns
tRHWL
(1)
tRHEL
(1)
tRHGL
(1)
tRB
RB High to Write Enable Low, Chip Enable
Low, Output Enable Low
Min
0
0
0
ns
tPLPX
tRP
RP Pulse Width
Min
500
500
500
ns
tPLYH
(1)
tREADY
RP Low to Read Mode
Max
10
10
10
µs
tPHPHH
(1)
tVIDR
RP Rise Time to VID
Min
500
500
500
ns
Figure 12. Reset/Block Temporary Unprotect AC Waveforms
AI02931
RB
W,
RP
tPLPX
tPHWL, tPHEL, tPHGL
tPLYH
tPHPHH
E, G
tRHWL, tRHEL, tRHGL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com