Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W160 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M29W160
Description  16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M29W160 Datasheet HTML 17Page - STMicroelectronics M29W160 Datasheet HTML 18Page - STMicroelectronics M29W160 Datasheet HTML 19Page - STMicroelectronics M29W160 Datasheet HTML 20Page - STMicroelectronics M29W160 Datasheet HTML 21Page - STMicroelectronics M29W160 Datasheet HTML 22Page - STMicroelectronics M29W160 Datasheet HTML 23Page - STMicroelectronics M29W160 Datasheet HTML 24Page - STMicroelectronics M29W160 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23/25
M29W160BT, M29W160BB
Figure 14. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Outline
Drawing is not to scale.
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1
Table 22. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.42
2.62
0.0953
0.1031
A1
0.22
0.23
0.0087
0.0091
A2
2.25
2.35
0.0886
0.0925
B
0.50
0.0197
C
0.10
0.25
0.0039
0.0098
D
28.10
28.30
1.1063
1.1142
E
13.20
13.40
0.5197
0.5276
e
1.27
–
–
0.0500
–
–
H
15.90
16.10
0.6260
0.6339
L
0.80
–
–
0.0315
–
–
α
3
°
––
3
°
––
N44
44
CP
0.10
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com