Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T00M
Description  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T00M Datasheet HTML 3Page - STMicroelectronics M41T00M Datasheet HTML 4Page - STMicroelectronics M41T00M Datasheet HTML 5Page - STMicroelectronics M41T00M Datasheet HTML 6Page - STMicroelectronics M41T00M Datasheet HTML 7Page - STMicroelectronics M41T00M Datasheet HTML 8Page - STMicroelectronics M41T00M Datasheet HTML 9Page - STMicroelectronics M41T00M Datasheet HTML 10Page - STMicroelectronics M41T00M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
M41T00
Table 10. AC Characteristics
(TA = –40 to 85°C; VCC = 2.0V to 5.5V)
Note: 1. Transmitter must internally provide a hold time to bridge the undefined region (300ns max.) of the falling edge of SCL.
Symbol
Parameter
Min
Max
Unit
fSCL
SCL Clock Frequency
0
100
kHz
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4
µs
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tHD:STA
START Condition Hold Time
(after this period the first clock pulse is generated)
4µs
tSU:STA
START Condition Setup Time
(only relevant for a repeated start condition)
4.7
µs
tSU:DAT
Data Setup Time
250
ns
tHD:DAT
(1)
Data Hold Time
0
µs
tSU:STO
STOP Condition Setup Time
4.7
µs
tBUF
Time the bus must be free before a new transmission can start
4.7
µs
WRITE MODE
In this mode the master transmitter transmits to
the M41T00 slave receiver. Bus protocol is shown
in Figure 10. Following the START condition and
slave address, a logic ’0’ (R/W = 0) is placed on the
bus and indicates to the addressed device that
word address An will follow and is to be written to
the on-chip address pointer. The data word to be
written to the memory is strobed in next and the in-
ternal address pointer is incremented to the next
memory location within the RAM on the reception
of an acknowledge clock. The M41T00 slave re-
ceiver will send an acknowledge clock to the mas-
ter transmitter after it has received the slave
address and again after it has received the word
address and each data byte (see Figure 9).
READ MODE
In this mode, the master reads the M41T00 slave
after setting the slave address (see Figure 11).
Following the write mode control bit (R/W = 0) and
the acknowledge bit, the word address An is writ-
ten to the on-chip address pointer. Next the
START condition and slave address are repeated,
followed by the READ mode control bit (R/W =1).
At this point, the master transmitter becomes the
master receiver. The data byte which was ad-
dressed will be transmitted and the master receiv-
er will send an acknowledge bit to the slave
transmitter. The address pointer is only increment-
ed on reception of an acknowledge bit. The
M41T00 slave transmitter will now place the data
byte at address An+1 on the bus. The master re-
ceiver reads and acknowledges the new byte and
the address pointer is incremented to An+2.
This cycle of reading consecutive addresses will
continue until the master receiver sends a STOP
condition to the slave transmitter.
An alternate READ mode may also be implement-
ed, whereby the master reads the M41T00 slave
without first writing to the (volatile) address point-
er. The first address that is read is the last one
stored in the pointer, see Figure12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com