Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T00M
Description  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T00M Datasheet HTML 7Page - STMicroelectronics M41T00M Datasheet HTML 8Page - STMicroelectronics M41T00M Datasheet HTML 9Page - STMicroelectronics M41T00M Datasheet HTML 10Page - STMicroelectronics M41T00M Datasheet HTML 11Page - STMicroelectronics M41T00M Datasheet HTML 12Page - STMicroelectronics M41T00M Datasheet HTML 13Page - STMicroelectronics M41T00M Datasheet HTML 14Page - STMicroelectronics M41T00M Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
M41T00
Table 11. Ordering Information Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M41T00
M
6
TR
Device Type
M41T
Package
M = SO8 150mil Width
Temperature Range
6 = –40 to 85°C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel
Table 12. Revision History
Date
Revision Details
March 1999
First Issue
05/15/00
AC Characteristic conditions changed (Table 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com