Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T00M
Description  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M Datasheet(HTML) 1 Page - STMicroelectronics

  M41T00M Datasheet HTML 1Page - STMicroelectronics M41T00M Datasheet HTML 2Page - STMicroelectronics M41T00M Datasheet HTML 3Page - STMicroelectronics M41T00M Datasheet HTML 4Page - STMicroelectronics M41T00M Datasheet HTML 5Page - STMicroelectronics M41T00M Datasheet HTML 6Page - STMicroelectronics M41T00M Datasheet HTML 7Page - STMicroelectronics M41T00M Datasheet HTML 8Page - STMicroelectronics M41T00M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
May 2000
M41T00
Serial Access TIMEKEEPER®
s
2.0V to 5.5V SUPPLY VOLTAGE
s
COUNTERS for SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEARS and
CENTURY
s
YEAR 2000 COMPLIANT
s
SOFTWARE CLOCK CALIBRATION
s
AUTOMATIC SWITCH-OVER and DESELECT
CIRCUITRY
s
I2C BUS COMPATIBLE
s
ULTRA-LOW BATTERY SUPPLY CURRENT
of 1µA
s
LOW OPERATING CURRENT of 300µA
s
OPERATING TEMPERATURE of –40 to 85°C
s
AUTOMATIC LEAP YEAR COMPENSATION
s
SPECIAL SOFTWARE PROGRAMMABLE
OUTPUT
DESCRIPTION
The M41T00 TIMEKEEPER® RAM is a low power
Serial TIMEKEEPER with a built-in 32.768kHz os-
cillator (external crystal controlled). Eight bytes of
the RAM are used for the clock/calendar function
and are configured in binary coded decimal (BCD)
format. Addresses and data are transferred serial-
ly via a two-line bi-directional bus. The built-in ad-
dress register is incremented automatically after
each write or read data byte.
Figure 1. Logic Diagram
AI00530
OSCI
VCC
M41T00
VSS
SCL
OSCO
SDA
FT/OUT
VBAT
8
1
SO8 (M)
150mil Width
Table 1. Signal Names
OSCI
Oscillator Input
OCSO
Oscillator Output
FT/OUT
Frequency Test / Output Driver
(Open Drain)
SDA
Serial Data Address Input / Output
SCL
Serial Clock
VBAT
Battery Supply Voltage
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M41T00M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00M6E STMICROELECTRONICS-M41T00M6E Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T00M6F STMICROELECTRONICS-M41T00M6F Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T00M6F STMICROELECTRONICS-M41T00M6F Datasheet
340Kb / 25P
Serial real-time clock
05-Jun-2015
More results

Similar Description - M41T00M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
09-Oct-2006
MK41T56 STMICROELECTRONICS-MK41T56 Datasheet
102Kb / 15P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
Mar-1999
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
Serial access phantom RTC supervisor
26-Nov-2007
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
logo
Holtek Semiconductor In...
HT1380A HOLTEK-HT1380A Datasheet
1Mb / 14P
Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com