Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T00M
Description  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M Datasheet(HTML) 5 Page - STMicroelectronics

  M41T00M Datasheet HTML 1Page - STMicroelectronics M41T00M Datasheet HTML 2Page - STMicroelectronics M41T00M Datasheet HTML 3Page - STMicroelectronics M41T00M Datasheet HTML 4Page - STMicroelectronics M41T00M Datasheet HTML 5Page - STMicroelectronics M41T00M Datasheet HTML 6Page - STMicroelectronics M41T00M Datasheet HTML 7Page - STMicroelectronics M41T00M Datasheet HTML 8Page - STMicroelectronics M41T00M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
M41T00
Table 6. DC Characteristics
(TA = –40 to 85°C; VCC = 2.0V to 5.5V)
Note: 1. STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
Table 7. Power Down/Up Trip Points DC Characteristics (1)
(TA = –40 to 85°C)
Note: 1. All voltages referenced to VSS.
2. Switch-over and deselect point.
Table 8. Crystal Electrical Characteristics
(Externally Supplied)
Note: Load capacitors are integrated within the M41T00. Circuit board layout considerations for the 32.768kHz crystal of minimum trace
lengths and isolation from RF generating signals should be taken into account.
STMicroelectronics recommends the KDS DT-38 Tuning Fork Type quartz crystal for industrial temperature operations.
KDS can be contacted at 913-491-6825 or http://www.kdsj.co.jp for further information on this crystal type.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply Current
Switch Frequency = 100kHz
300
µA
ICC2
Supply Current (Standby)
SCL, SDA = VCC – 0.3V
70
µA
VIL
Input Low Voltage
–0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.8
V
VOL
Output Low Voltage
IOL = 3mA
0.4
V
VBAT
(1)
Battery Supply Voltage
2
3
3.5
V
IBAT
Battery Supply Current
TA = 25°C, VCC = 0V,
Oscillator ON, VBAT = 3V
0.8
1
µA
Symbol
Parameter
Min
Typ
Max
Unit
VSO
(2)
Battery Back-up Switchover Voltage
VBAT – 0.70
VBAT – 0.50
VBAT – 0.30
V
Symbol
Parameter
Min
Typ
Max
Unit
fO
Resonant Frequency
32.768
kHz
RS
Series Resistance
35
k
Ω
CL
Load Capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com