Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00M Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T00M
Description  Serial Access TIMEKEEPER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T00M Datasheet HTML 4Page - STMicroelectronics M41T00M Datasheet HTML 5Page - STMicroelectronics M41T00M Datasheet HTML 6Page - STMicroelectronics M41T00M Datasheet HTML 7Page - STMicroelectronics M41T00M Datasheet HTML 8Page - STMicroelectronics M41T00M Datasheet HTML 9Page - STMicroelectronics M41T00M Datasheet HTML 10Page - STMicroelectronics M41T00M Datasheet HTML 11Page - STMicroelectronics M41T00M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
M41T00
8/15
Figure 6. Serial Bus Data Transfer Sequence
Figure 7. Acknowledgment Sequence
AI00587
DATA
CLOCK
DATA LINE
STABLE
DATA VALID
START
CONDITION
CHANGE OF
DATA ALLOWED
STOP
CONDITION
AI00601
DATA OUTPUT
BY RECEIVER
DATA OUTPUT
BY TRANSMITTER
SCLK FROM
MASTER
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
12
89
MSB
LSB
CLOCK OPERATION
The eight byte clock register (see Table 3) is used
to both set the clock and to read the date and time
from the clock, in a binary coded decimal format.
Seconds, Minutes, and Hours are contained within
the first three registers. Bits D6 and D7 of clock
register 2 (Hours Register) contain the CENTURY
ENABLE Bit (CEB) and the CENTURY Bit (CB).
Setting CEB to a ’1’ will cause CB to toggle, either
from ’0’ to ’1’ or from ’1’ to ’0’ at the turn of the cen-
tury (depending upon its initial state). If CEB is set
to a ’0’, CB will not toggle. Bits D0 through D2 of
register 3 contain the Day (day of week). Registers
4, 5 and 6 contain the Date (day of month), Month
and Years. The final register is the Control Regis-
ter (this is described in the Clock Calibration sec-
tion). Bit D7 of register 0 contains the STOP Bit
(ST). Setting this bit to a ’1’ will cause the oscillator
to stop. If the device is expected to spend a signif-
icant amount of time on the shelf, the oscillator
may be stopped to reduce current drain. When re-
set to a ’0’ the oscillator restarts within one second.
The seven Clock Registers may be read one byte
at a time, or in a sequential block. The Control
Register (Address location 7) may be accessed in-
dependently. Provision has been made to assure
that a clock update does not occur while any of the
seven clock addresses are being read. If a clock
address is being read, an update of the clock reg-
isters will be delayed by 250ms to allow the read
to be completed before the update occurs. This
will prevent a transition of data during the read.
Note: This 250ms delay affects only the clock reg-
ister update and does not alter the actual clock
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com