Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T201V
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 8Page - STMicroelectronics M48T201V Datasheet HTML 9Page - STMicroelectronics M48T201V Datasheet HTML 10Page - STMicroelectronics M48T201V Datasheet HTML 11Page - STMicroelectronics M48T201V Datasheet HTML 12Page - STMicroelectronics M48T201V Datasheet HTML 13Page - STMicroelectronics M48T201V Datasheet HTML 14Page - STMicroelectronics M48T201V Datasheet HTML 15Page - STMicroelectronics M48T201V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
M48T201Y, M48T201V
12/33
Table 4. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V or 3.0 to 3.6V (except where noted).
2. CL = 5pF
3. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter(1)
M48T201Y
M48T201V
Unit
–70
–85
Min
Max
Min
Max
tAVAV
WRITE Cycle Time
70
85
ns
tAVWL
Address Valid to WRITE Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLWH
WRITE Enable Pulse Width
45
55
ns
tELEH
Chip Enable Low to Chip Enable High
50
60
ns
tWHAX
WRITE Enable High to Address Transition
0
0
ns
tEHAX
Chip Enable High to Address Transition
0
0
ns
tDVWH
Input Valid to WRITE Enable High
25
30
ns
tDVEH
Input Valid to Chip Enable High
25
30
ns
tWHDX
WRITE Enable High to Input Transition
0
0
ns
tEHDX
Chip Enable High to Input Transition
0
0
ns
tWLQZ
(2,3)
WRITE Enable Low to Output High-Z
20
25
ns
tAVWH
Address Valid to WRITE Enable High
55
65
ns
tAVEH
Address Valid to Chip Enable High
55
65
ns
tWHQX
(2,3)
WRITE Enable High to Output Transition
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com