Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T201V
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 9Page - STMicroelectronics M48T201V Datasheet HTML 10Page - STMicroelectronics M48T201V Datasheet HTML 11Page - STMicroelectronics M48T201V Datasheet HTML 12Page - STMicroelectronics M48T201V Datasheet HTML 13Page - STMicroelectronics M48T201V Datasheet HTML 14Page - STMicroelectronics M48T201V Datasheet HTML 15Page - STMicroelectronics M48T201V Datasheet HTML 16Page - STMicroelectronics M48T201V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13/33
M48T201Y, M48T201V
Data Retention Mode
With valid VCC applied, the M48T201Y/V can be
accessed as described above with READ or
WRITE cycles. Should the supply voltage decay,
the M48T201Y/V will automatically deselect, write
protecting itself (and any external SRAM) when
VCC falls between VPFD (max) and VPFD (min).
This is accomplished by internally inhibiting ac-
cess to the clock registers via the E signal. At this
time, the Reset pin (RST) is driven active and will
remain active until VCC returns to nominal levels.
External RAM access is inhibited in a similar man-
ner by forcing ECON to a high level. This level is
within 0.2V of the VBAT. ECON will remain at this
level as long as VCC remains at an out-of-toler-
ance condition. When VCC falls below the level of
the battery (VBAT), power input is switched from
the VCC pin to the SNAPHAT
® battery and the
clock registers are maintained from the attached
battery supply. External RAM is also powered by
the SNAPHAT battery. All outputs except GCON,
ECON, RST, IRQ/FT and VOUT, become high im-
pedance. The VOUT pin is capable of supplying
100µA of current to the attached memory with less
than 0.3V drop under this condition. On power up,
when VCC returns to a nominal value, write protec-
tion continues for 200ms (max) by inhibiting ECON.
The RST signal also remains active during this
time (see Figure 15., page 27).
Note: Most low power SRAMs on the market to-
day can be used with the M48T201Y/V TIME-
KEEPER® SUPERVISOR. There are, however
some criteria which should be used in making the
final choice of an SRAM to use.
The SRAM must be designed in a way where the
chip enable input disables all other inputs to the
SRAM. This allows inputs to the M48T201Y/V and
SRAMs to be “Don't care” once VCC falls below
VPFD (min). The SRAM should also guarantee
data retention down to VCC = 2.0V. The chip en-
able access time must be sufficient to meet the
system needs with the chip enable (and output en-
able) output propagation delays included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com