Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T201V
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 12Page - STMicroelectronics M48T201V Datasheet HTML 13Page - STMicroelectronics M48T201V Datasheet HTML 14Page - STMicroelectronics M48T201V Datasheet HTML 15Page - STMicroelectronics M48T201V Datasheet HTML 16Page - STMicroelectronics M48T201V Datasheet HTML 17Page - STMicroelectronics M48T201V Datasheet HTML 18Page - STMicroelectronics M48T201V Datasheet HTML 19Page - STMicroelectronics M48T201V Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
M48T201Y, M48T201V
16/33
Setting the Alarm Clock
Registers 7FFF6h-7FFF2h contain the alarm set-
tings. The alarm can be configured to go off at a
prescribed time on a specific month, day of month,
hour, minute, or second or repeat every month,
day of month, hour, minute, or second.
It can also be programmed to go off while the
M48T201Y/V is in the battery back-up to serve as
a system wake-up call.
Bits RPT5-RPT1 put the alarm in the repeat mode
of operation. Table 6 shows the possible configu-
rations. Codes not listed in the table default to the
once per second mode to quickly alert the user of
an incorrect alarm setting.
Note: User must transition address (or toggle chip
enable) to see Flag Bit change.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT5-RPT1, the AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set, the alarm condi-
tion activates the IRQ/FT pin. To disable alarm,
write ’0’ to the Alarm-Date register and RPT1-5.
The IRQ/FT output is cleared by a READ to the
Flags Register as shown in Figure 8. A subse-
quent READ of the Flags Register is necessary to
see that the value of the Alarm Flag has been re-
set to '0.'
The IRQ/FT pin can also be activated in the bat-
tery back-up mode. The IRQ/FT will go low if an
alarm occurs and both ABE (Alarm in Battery
Back-up Mode Enable) and AFE are set. The ABE
and AFE Bits are reset during power-up, therefore
an alarm generated during power-up will only set
AF. The user can read the Flag Register at system
boot-up to determine if an alarm was generated
while the M48T201Y/V was in the deselect mode
during power-up. Figure 9., page 17 illustrates the
back-up mode alarm timing.
Figure 8. Alarm Interrupt Reset Waveforms
Table 6. Alarm Repeat Modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm Setting
1111
1
Once per Second
1111
0
Once per Minute
1110
0
Once per Hour
1100
0
Once per Day
1000
0
Once per Month
0000
0
Once per Year
AI02331
A0-A18
ACTIVE FLAG BIT
ADDRESS 7FFF0h
IRQ/FT
15ns Min
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com