Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T201V
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 4 Page - STMicroelectronics

  M48T201V Datasheet HTML 1Page - STMicroelectronics M48T201V Datasheet HTML 2Page - STMicroelectronics M48T201V Datasheet HTML 3Page - STMicroelectronics M48T201V Datasheet HTML 4Page - STMicroelectronics M48T201V Datasheet HTML 5Page - STMicroelectronics M48T201V Datasheet HTML 6Page - STMicroelectronics M48T201V Datasheet HTML 7Page - STMicroelectronics M48T201V Datasheet HTML 8Page - STMicroelectronics M48T201V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
M48T201Y, M48T201V
4/33
DESCRIPTION
The M48T201Y/V are self-contained devices that
include a real time clock (RTC), programmable
alarms, a watchdog timer, and a square wave out-
put which provides control of up to 512K x 8 of ex-
ternal low-power static RAM. Access to all RTC
functions and the external RAM is the same as
conventional bytewide SRAM. The 16 TIME-
KEEPER® registers offer year, month, date, day,
hour, minute, second, calibration, alarm, century,
watchdog, and square wave output data. External-
ly attached static RAMs are controlled by the
M48T201Y/V via the GCON and ECON signals.
The 44-pin, 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT® housing con-
taining the battery and crystal. The unique design
allows the SNAPHAT battery package to be
mounted on top of the SOIC package after the
completion of the surface mount process.
Insertion of the SNAPHAT housing after reflow
prevents potential battery damage due to the high
temperatures required for device surface-mount-
ing. The SNAPHAT housing is keyed to prevent
reverse insertion. The SOIC and battery packages
are shipped separately in plastic anti-static tubes
or in Tape & Reel form. For the 44-lead SOIC, the
battery/crystal package (e.g., SNAPHAT) part
number
is
“M4Txx-BR12SH”
(see
Table
19., page 31).
Caution: Do not place the SNAPHAT battery/crys-
tal top in conductive foam as this will drain the lith-
ium button-cell battery.
Figure 2. Logic Diagram
Table 1. Signal Names
AI02240
19
A0-A18
WDI
DQ0-DQ7
VCC
M48T201Y
M48T201V
G
VSS
8
E
ECON
GCON
W
RSTIN2
RSTIN1
RST
IRQ/FT
VOUT
SQW
A0-A18
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
RSTIN1
Reset 1 Input
RSTIN2
Reset 2 Input
RST
Reset Output (Open Drain)
WDI
Watchdog Input
E
Chip Enable Input
G
Output Enable Input
W
WRITE Enable Input
ECON
RAM Chip Enable Output
GCON
RAM Enable Output
IRQ/FT
Interrupt / Frequency Test Output
(Open Drain)
SQW
Square Wave Output
VOUT
Supply Voltage Output
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com