Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 14 Page - STMicroelectronics

Part # M48T201V
Description  3.3V-5V TIMEKEEPER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 10Page - STMicroelectronics M48T201V Datasheet HTML 11Page - STMicroelectronics M48T201V Datasheet HTML 12Page - STMicroelectronics M48T201V Datasheet HTML 13Page - STMicroelectronics M48T201V Datasheet HTML 14Page - STMicroelectronics M48T201V Datasheet HTML 15Page - STMicroelectronics M48T201V Datasheet HTML 16Page - STMicroelectronics M48T201V Datasheet HTML 17Page - STMicroelectronics M48T201V Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
M48T201Y, M48T201V
14/33
CLOCK OPERATION
TIMEKEEPER® Registers
The M48T201Y/V offers 16 internal registers
which contain TIMEKEEPER®, Alarm, Watchdog,
Flag, and Control data (see Table 5., page 15).
These registers are memory locations which con-
tain external (user accessible) and internal copies
of the data (usually referred to as BiPORT™
TIMEKEEPER cells). The external copies are in-
dependent of internal functions except that they
are updated periodically by the simultaneous
transfer of the incremented internal copy. TIME-
KEEPER and Alarm Registers store data in BCD.
Control, Watchdog and Flags (Bits D0 to D3) Reg-
isters store data in Binary Format.
Reading the Clock
Updates to the TIMEKEEPER registers should be
halted before clock data is read to prevent reading
data in transition. The BiPORT TIMEKEEPER
cells in the RAM array are only data registers and
not the actual clock counters, so updating the reg-
isters can be halted without disturbing the clock it-
self.
Updating is halted when a '1' is written to the
READ Bit, D6 in the Control Register (7FFF8h). As
long as a '1' remains in that position, updating is
halted. After a halt is issued, the registers reflect
the count; that is, the day, date, and time that were
current at the moment the halt command was is-
sued.
All of the TIMEKEEPER registers are updated si-
multaneously. A halt will not interrupt an update in
progress. Updating occurs approximately 1 sec-
ond after the READ Bit is reset to a '0.'
Setting the Clock
Bit D7 of the Control Register (7FFF8h) is the
WRITE Bit. Setting the WRITE Bit to a '1,' like the
READ Bit, halts updates to the TIMEKEEPER reg-
isters. The user can then load them with the cor-
rect day, date, and time data in 24-hour BCD
format (see Table 5., page 15).
Resetting the WRITE Bit to a '0' then transfers the
values of all time registers (7FFFFh-7FFF9h,
7FFF1h) to the actual TIMEKEEPER counters and
allows normal operation to resume. After the
WRITE Bit is reset, the next clock update will occur
approximately one second later.
Note: Upon power-up following a power failure,
both the WRITE Bit and the READ Bit will be reset
to '0.'
Stopping and Starting the Oscillator
The oscillator may be stopped at any time. If the
device is going to spend a significant amount of
time on the shelf, the oscillator can be turned off to
minimize current drain on the battery. The STOP
Bit is located at Bit D7 within the Seconds Register
(7FFF9h). Setting it to a '1' stops the oscillator.
When reset to a '0,' the M48T201Y/V oscillator
starts within one second.
Note: It is not necessary to set the WRITE Bit
when setting or resetting the FREQUENCY TEST
Bit (FT) or the STOP Bit (ST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com