Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513V Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T513V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T513V Datasheet HTML 9Page - STMicroelectronics M48T513V Datasheet HTML 10Page - STMicroelectronics M48T513V Datasheet HTML 11Page - STMicroelectronics M48T513V Datasheet HTML 12Page - STMicroelectronics M48T513V Datasheet HTML 13Page - STMicroelectronics M48T513V Datasheet HTML 14Page - STMicroelectronics M48T513V Datasheet HTML 15Page - STMicroelectronics M48T513V Datasheet HTML 16Page - STMicroelectronics M48T513V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
M48T513Y, M48T513V
Figure 11. Calibration Waveform
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION
Table 11. TIMEKEEPER Register Map
Address
Data
Fun ction/Rang e
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFFh
10 Years
Year
Year
00-99
7FFFEh
0
0
0
10 M
Month
Month
01-12
7FFFDh
0
0
10 Date
Date
Date
01-31
7FFFCh
0
FT
0
0
0
Day of Week
Day
01-07
7FFFBh
0
0
10 Hours
Hours (24 Hour Format)
Hour
00-23
7FFFAh
0
10 Minutes
Minutes
Minutes
00-59
7FFF9h
ST
10 Seconds
Seconds
Seconds
00-59
7FFF8h
W
R
S
Calibration
Control
7FFF7h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
7FFF6h
AFE
0
ABE
Al 10M
Alarm Month
A Month
01-12
7FFF5h
RPT4
RPT5
Al 10 Date
Alarm Date
Al Date
01-31
7FFF4h
RPT3
0
Al 10 Hours
Alarm Hours
A Hours
00-23
7FFF3h
RPT2
Al 10 Minutes
Alarm Minutes
A Min
00-59
7FFF2h
RPT1
Al 10 Seconds
Alarm Seconds
A Sec
00-59
7FFF1h
1000 Year
100 Year
Century
00-99
7FFF0h
WDF
AF
0
BL
Y
Y
Y
Y
Flag
Keys:
S = SIGN Bit
FT = FREQUENCY TEST Bit
R = READ Bit
W = WRI TE Bit
ST = STOP Bit
0 = Must be set to ’0’
Y = ’1’ or ’0’
BL = Battery Low
AF = Alarm Flag
WDS = Watchdog Steering Bit
BMB0-BMB4 = Watchdog Multiplier Bits
RB0-RB1 = Watchdog Resolution Bits
AFE = Alarm Flag Enable
ABE = Alarm in Battery Back-up Mode Enable
RPT1-RPT5 = Alarm Repeat Mode Bits
WDF = Watchdog Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com