Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513V Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48T513V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513V Datasheet(HTML) 3 Page - STMicroelectronics

  M48T513V Datasheet HTML 1Page - STMicroelectronics M48T513V Datasheet HTML 2Page - STMicroelectronics M48T513V Datasheet HTML 3Page - STMicroelectronics M48T513V Datasheet HTML 4Page - STMicroelectronics M48T513V Datasheet HTML 5Page - STMicroelectronics M48T513V Datasheet HTML 6Page - STMicroelectronics M48T513V Datasheet HTML 7Page - STMicroelectronics M48T513V Datasheet HTML 8Page - STMicroelectronics M48T513V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
M48T513Y, M48T513V
Figure 3. Block Diagram
AI02584
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
16 x 8
TIMEKEEPER
REGISTERS
524,272 x 8
SRAM ARRAY
A0-A18
DQ0-DQ7
E
W
G
POWER
RST
IRQ/FT
WDI
RSTIN
The unique design allows the SNAPHAT battery
package to be mounted on top of the SOIC pack-
age after the completion of the surface mount pro-
cess. Insertion of the SNAPHAT housing after
reflow prevents potential battery damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SNAPHAT battery package is shipped sepa-
rately in plastic anti-static tubes or in Tape & Reel
form. The part number is ”M4Txx-BR12SH1”.
Figure 3 illustrates the static memory array and the
quartz controlled clock oscillator. The clock loca-
tions contain the century, year, month, date, day,
hour, minute, and second in 24 hour BCD format.
Corrections for 28, 29 (leap year), 30, and 31 day
months are made automatically. The nine clock
bytes (7FFFFh-7FFF9h and 7FFF1h) are not the
actual clock counters, they are memory locations
consisting of BiPORT
™ read/write memory cells
within the static RAM array.
The M48T513Y/V includes a clock control circuit
which updates the clock bytes with current infor-
mation once per second. The information can be
accessed by the user in the same manner as any
other location in the static memory array. Byte
7FFF8h is the clock control register. This byte con-
trols user access to the clock information and also
stores the clock calibration setting.
Byte 7FFF7h contains the watchdog timer setting.
The watchdog timer can generate either a reset or
an interrupt, depending on the state of the Watch-
dog Steering bit (WDS). Bytes 7FFF6h-7FFF2h in-
clude bits that, when programmed, provide for
clock alarm functionality. Alarms are activated
when the register content matches the month,
date, hours, minutes, and seconds of the clock
registers. Byte 7FFF1h contains century informa-
tion. Byte 7FFF0h contains additional flag informa-
tion pertaining to the watchdog timer, the alarm
condition and the battery status. The M48T513Y/V
also has its own Power-Fail Detect circuit. This
control circuitry constantly monitors the supply
voltage for an out of tolerance condition. When
VCC is out of tolerance, the circuit write protects
the TIMEKEEPER register data and external
SRAM, providing data security in the midst of un-
predictable system operation. As VCC falls, the
control circuitry automatically switches to the bat-
tery, maintaining data and clock operation until
valid power is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com