Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513V Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T513V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513V Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T513V Datasheet HTML 13Page - STMicroelectronics M48T513V Datasheet HTML 14Page - STMicroelectronics M48T513V Datasheet HTML 15Page - STMicroelectronics M48T513V Datasheet HTML 16Page - STMicroelectronics M48T513V Datasheet HTML 17Page - STMicroelectronics M48T513V Datasheet HTML 18Page - STMicroelectronics M48T513V Datasheet HTML 19Page - STMicroelectronics M48T513V Datasheet HTML 20Page - STMicroelectronics M48T513V Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
M48T513Y, M48T513V
Table 14. Ordering Information Scheme
Note: 1. The SOIC package (SOH44) requires the battery package (SNAPHAT ) which is ordered separately under the part number
”M4Txx-BR12SH1” in plastic tube or ”M4Txx-BR12SH1TR” in Tape & Reel form.
Caution: Do not place the SNAPHAT battery package ”M4Txx-BR12SH1” in conductive foam since this will drain the lithium button-cell
battery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M48T513Y
-70 PM
1
Device Type
M48T
Supp ly Voltage and Write Protect Voltage
513Y = VCC = 4.5V to 5.5V; VPFD = 4.2V to 4.5V
513V = VCC = 3.0V to 3.6V; VPFD = 2.7V to 3.0V
Speed
-70 = 70ns
-85 = 85 ns
Package
PM = PMDIP32
CS (1) = Surface Mount Chip Set solution M48T201Y/V (SOH44) + M68Z512/W (TSOP32)
Temperature Range
1= 0to 70
°C
Table 15. Revision History
Date
Revision Details
April 2000
Chipset datasheet First Issue
06/20/00
From Preliminary Data to data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com