Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513V Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48T513V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513V Datasheet(HTML) 2 Page - STMicroelectronics

  M48T513V Datasheet HTML 1Page - STMicroelectronics M48T513V Datasheet HTML 2Page - STMicroelectronics M48T513V Datasheet HTML 3Page - STMicroelectronics M48T513V Datasheet HTML 4Page - STMicroelectronics M48T513V Datasheet HTML 5Page - STMicroelectronics M48T513V Datasheet HTML 6Page - STMicroelectronics M48T513V Datasheet HTML 7Page - STMicroelectronics M48T513V Datasheet HTML 8Page - STMicroelectronics M48T513V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
M48T513Y, M48T513V
2/23
Figure 2. DIP Connections
VSS
VCC
AI02307
M48T513Y
M48T513V
10
1
2
5
6
7
8
9
11
12
13
16
17
18
30
29
26
25
24
23
22
21
20
19
3
4
28
27
32
31
14
15
34
33
36
35
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A16
A18
A12
A14
W
A17
RSTIN
RST
IRQ/FT
WDI
Table 2. Absolute Maximum Ratings (1)
Note: 1. Stresses greater than those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect
reliability.
2. Soldering temperature not to exceed 260
°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
VIO
Input or Output Voltages
–0.3 to VCC +0.3
V
VCC
Supply Voltage
M48T513Y
–0.3 to 7.0
V
M48T513V
–0.3 to 4.6
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W
DESCRIPTION
The M48T513Y/V TIMEKEEPER RAM is a 512Kb
x 8 non-volatile static RAM and real time clock,
with programmable alarms and a watchdog timer.
The special DIP package provides a fully integrat-
ed battery back-up memory and real time clock so-
lution. The M48T513Y/V directly replaces industry
standard 512Kb x 8 SRAM. It also provides the
non-volatility of Flash without any requirement for
special write timing or limitations on the number of
writes that can be performed.
Table 1. Signal Names
A0-A18
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable Input
G
Output Enable Input
W
Write Enable Input
WDI
Watchdog input
RST
Reset Output (open drain)
RSTIN
Reset Input
IRQ/FT
Interrupt / Frequency Test
Output (open drain)
VCC
Supply Voltage
VSS
Ground
For surface mount environments ST provides a
Chip Set solution consisting of a 44 pin 330mil
SOIC TIMEKEEPER Supervisor (M48T201V/Y)
and a 32 pin TSOP Type II (10 x 20mm) LPSRAM
(M68Z512/W) packages.
The 44 pin 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT housing contain-
ing the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com