Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513V Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T513V
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513V Datasheet(HTML) 4 Page - STMicroelectronics

  M48T513V Datasheet HTML 1Page - STMicroelectronics M48T513V Datasheet HTML 2Page - STMicroelectronics M48T513V Datasheet HTML 3Page - STMicroelectronics M48T513V Datasheet HTML 4Page - STMicroelectronics M48T513V Datasheet HTML 5Page - STMicroelectronics M48T513V Datasheet HTML 6Page - STMicroelectronics M48T513V Datasheet HTML 7Page - STMicroelectronics M48T513V Datasheet HTML 8Page - STMicroelectronics M48T513V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M48T513Y, M48T513V
4/23
Figure 4. Hardware Hookup for SMT Chip Set (1)
Note: 1. For pin connections, see individual data sheets for M48T201Y/V and M68Z512/W at www.st.com.
2. For 5V, M48T129Y (M48T201Y + M68Z512). For 3.3V, M48T129V (M48T201V + M68Z512W).
3. SNAPHAT Top ordered separately.
AI03633
32,768 Hz
CRYSTAL
LITHIUM
CELL
A0-A18
DQ0-DQ7
E
VCC
W
G
WDI
RSTIN1
RSTIN2
VSS
E
W
G
VCC
VSS
A0-A18
DQ0-DQ7
0.1
µF
0.1
µF
5V
ECON
GCON
RST
IRQ/FT
SQW
M48T201Y/V (2)
M68Z512/W
(2)
VOUT
SNAPHAT
(3)
BATTERY/CRYSTAL
READ MODE
The M48T513Y/V is in the Read Mode whenever
W (Write Enable) is high and E (Chip Enable) is
low. The unique address specified by the 17 Ad-
dress Inputs defines which one of the 524,272
bytes of data is to be accessed. Valid data will be
available at the Data I/O pins within tAVQV (Ad-
dress Access Time) after the last address input
signal is stable, providing the E and G access
times are also satisfied. If the E and G access
times are not met, valid data will be available after
the latter of the Chip Enable Access Times (tELQV)
or
Output
Enable
Access
Time
(tGLQV).
The state of the eight three-state Data I/O signals
is controlled by E and G. If the outputs are activat-
ed before tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain active,
output data will remain valid for tAXQX (Output
Data Hold Time) but will go indeterminate until the
next Address Access.
WRITE MODE
The M48T513Y/V is in the Write Mode whenever
W (Write Enable) and E (Chip Enable) are low
state after the address inputs are stable.
The start of a write is referenced from the latter oc-
curring falling edge of W or E. A write is terminated
by the earlier rising edge of W or E. The addresses
must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from Chip
Enable or tWHAX from Write Enable prior to the ini-
tiation of another read or write cycle. Data-in must
be valid tDVWH prior to the end of write and remain
valid for tWHDX afterward. G should be kept high
during write cycles to avoid bus contention; al-
though, if the output bus has been activated by a
low on E and G a low on W will disable the outputs
tWLQZ after W falls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com