Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M50FW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M50FW080 Datasheet HTML 10Page - STMicroelectronics M50FW080 Datasheet HTML 11Page - STMicroelectronics M50FW080 Datasheet HTML 12Page - STMicroelectronics M50FW080 Datasheet HTML 13Page - STMicroelectronics M50FW080 Datasheet HTML 14Page - STMicroelectronics M50FW080 Datasheet HTML 15Page - STMicroelectronics M50FW080 Datasheet HTML 16Page - STMicroelectronics M50FW080 Datasheet HTML 17Page - STMicroelectronics M50FW080 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Signal descriptions
M50FW080
14/55
2.1.10
Write Protect (WP)
The Write Protect input is used to prevent the Main Blocks (Blocks 0 to 14) from being
changed. When Write Protect, WP, is set Low, VIL, Program and Block Erase operations in
the Main Blocks have no effect, regardless of the state of the Lock Register. When Write
Protect, WP, is set High, VIH, the protection of the Block determined by the Lock Register.
The state of Write Protect, WP, does not affect the protection of the Top Block (Block 15).
Write Protect, WP, must be set prior to a Program or Block Erase operation is initiated and
must not be changed until the operation completes or unpredictable results may occur. Care
should be taken to avoid unpredictable behavior by changing WP during Program or Erase
Suspend.
2.1.11
Reserved for Future Use (RFU)
These pins do not have assigned functions in this revision of the part. They must be left
disconnected.
Table 3.
Block addresses
Size
(Kbytes)
Address Range
Block Number
Block Type
64
F0000h-FFFFFh
15
Top Block
64
E0000h-EFFFFh
14
Main Block
64
D0000h-DFFFFh
13
Main Block
64
C0000h-CFFFFh
12
Main Block
64
B0000h-BFFFFh
11
Main Block
64
A0000h-AFFFFh
10
Main Block
64
90000h-9FFFFh
9
Main Block
64
80000h-8FFFFh
8
Main Block
64
70000h-7FFFFh
7
Main Block
64
60000h-6FFFFh
6
Main Block
64
50000h-5FFFFh
5
Main Block
64
40000h-4FFFFh
4
Main Block
64
30000h-3FFFFh
3
Main Block
64
20000h-2FFFFh
2
Main Block
64
10000h-1FFFFh
1
Main Block
64
00000h-0FFFFh
0
Main Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com