Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M50FW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M50FW080 Datasheet HTML 24Page - STMicroelectronics M50FW080 Datasheet HTML 25Page - STMicroelectronics M50FW080 Datasheet HTML 26Page - STMicroelectronics M50FW080 Datasheet HTML 27Page - STMicroelectronics M50FW080 Datasheet HTML 28Page - STMicroelectronics M50FW080 Datasheet HTML 29Page - STMicroelectronics M50FW080 Datasheet HTML 30Page - STMicroelectronics M50FW080 Datasheet HTML 31Page - STMicroelectronics M50FW080 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Status Register
M50FW080
28/55
5
Status Register
The Status Register provides information on the current or previous Program or Erase
operation. Different bits in the Status Register convey different information and errors on the
operation.
To read the Status Register the Read Status Register command can be issued. The Status
Register is automatically read after Program, Erase and Program/Erase Resume
commands are issued. The Status Register can be read from any address.
The Status Register bits are summarized in Table 10. The following text descriptions should
be read in conjunction with Table 10.
5.1
Program/Erase Controller status (bit 7)
The Program/Erase Controller Status bit indicates whether the Program/Erase Controller is
active or inactive. When the Program/Erase Controller Status bit is ‘0’, the Program/Erase
Controller is active; when the bit is ‘1’, the Program/Erase Controller is inactive.
The Program/Erase Controller Status is ‘0’ immediately after a Program/Erase Suspend
command is issued until the Program/Erase Controller pauses. After the Program/Erase
Controller pauses the bit is ‘1’.
During Program and Erase operation the Program/Erase Controller Status bit can be polled
to find the end of the operation. The other bits in the Status Register should not be tested
until the Program/Erase Controller completes the operation and the bit is ‘1’.
After the Program/Erase Controller completes its operation the Erase Status, Program
Status, VPP Status and Block Protection Status bits should be tested for errors.
5.2
Erase Suspend status (bit 6)
The Erase Suspend Status bit indicates that a Block Erase operation has been suspended
and is waiting to be resumed. The Erase Suspend Status should only be considered valid
when the Program/Erase Controller Status bit is ‘1’ (Program/Erase Controller inactive);
after a Program/Erase Suspend command is issued the memory may still complete the
operation rather than entering the Suspend mode.
When the Erase Suspend Status bit is ‘0’ the Program/Erase Controller is active or has
completed its operation; when the bit is ‘1’ a Program/Erase Suspend command has been
issued and the memory is waiting for a Program/Erase Resume command.
When a Program/Erase Resume command is issued the Erase Suspend Status bit returns
to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com