Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M50FW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M50FW080 Datasheet HTML 26Page - STMicroelectronics M50FW080 Datasheet HTML 27Page - STMicroelectronics M50FW080 Datasheet HTML 28Page - STMicroelectronics M50FW080 Datasheet HTML 29Page - STMicroelectronics M50FW080 Datasheet HTML 30Page - STMicroelectronics M50FW080 Datasheet HTML 31Page - STMicroelectronics M50FW080 Datasheet HTML 32Page - STMicroelectronics M50FW080 Datasheet HTML 33Page - STMicroelectronics M50FW080 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Status Register
M50FW080
30/55
5.6
Program Suspend status (bit 2)
The Program Suspend Status bit indicates that a Program operation has been suspended
and is waiting to be resumed. The Program Suspend Status should only be considered valid
when the Program/Erase Controller Status bit is ‘1’ (Program/Erase Controller inactive);
after a Program/Erase Suspend command is issued the memory may still complete the
operation rather than entering the Suspend mode.
When the Program Suspend Status bit is ‘0’ the Program/Erase Controller is active or has
completed its operation; when the bit is ‘1’ a Program/Erase Suspend command has been
issued and the memory is waiting for a Program/Erase Resume command.
When a Program/Erase Resume command is issued the Program Suspend Status bit
returns to ‘0’.
5.7
Block Protection status (bit 1)
The Block Protection Status bit can be used to identify if the Program or Block Erase
operation has tried to modify the contents of a protected block. When the Block Protection
Status bit is to ‘0’ no Program or Block Erase operations have been attempted to protected
blocks since the last Clear Status Register command or hardware reset; when the Block
Protection Status bit is ‘1’ a Program or Block Erase operation has been attempted on a
protected block.
Once it is set to ‘1’ the Block Protection Status bit can only be reset to ‘0’ by a Clear Status
Register command or a hardware reset. If it is set to ‘1’ it should be reset before a new
Program or Block Erase command is issued, otherwise the new command will appear to fail.
Using the A/A Mux Interface the Block Protection Status bit is always ‘0’.
5.7.1
Reserved (Bit 0)
Bit 0 of the Status Register is reserved. Its value should be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com