Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M50FW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M50FW080 Datasheet HTML 23Page - STMicroelectronics M50FW080 Datasheet HTML 24Page - STMicroelectronics M50FW080 Datasheet HTML 25Page - STMicroelectronics M50FW080 Datasheet HTML 26Page - STMicroelectronics M50FW080 Datasheet HTML 27Page - STMicroelectronics M50FW080 Datasheet HTML 28Page - STMicroelectronics M50FW080 Datasheet HTML 29Page - STMicroelectronics M50FW080 Datasheet HTML 30Page - STMicroelectronics M50FW080 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
M50FW080
Command interface
27/55
Table 9.
Commands(1)
1.
X Don’t Care, PA Program Address, PD Program Data, A1,2,3,4 Consecutive Addresses, BA Any address
in the Block.
Command
Bus Write operations
1st
2nd
3rd
4th
5th
Addr Data Addr Data Addr Data Addr Data Addr Data
Read Memory Array(2)
2.
Read Memory Array. After a Read Memory Array command, read the memory as normal until another
command is issued.
1X
FFh
Read Status Register(3)
3.
Read Status Register. After a Read Status Register command, read the Status Register as normal until
another command is issued.
1X
70h
Read Electronic
Signature(4)
4.
Read Electronic Signature. After a Read Electronic Signature command, read Manufacturer Code,
Device Code until another command is issued.
1X
90h
1X
98h
Program(5)
5.
Block Erase, Program. After these commands read the Status Register until the command completes
and another command is issued.
2X
40h
PA
PD
2X
10h
PA
PD
Quadruple Byte Program(6)
6.
Quadruple Byte Program. This command is only valid in A/A Mux mode. Addresses A1, A2, A3 and A4
must be consecutive addresses differing only for address bit A0 and A10. After this command read the
Status Register until the command completes and another command is issued.
5X
30h
A1
PD
A2
PD
A3
PD
A4
PD
Chip Erase (7)
7.
Chip Erase. This command is only valid in A/A Mux mode. After this command read the Status Register
until the command completes and another command is issued.
2
X
80h
X
10h
Block Erase(5)
2
X
20h
BA
D0h
Clear Status Register(8)
8.
Clear Status Register. After the Clear Status Register command bits 1, 3, 4 and 5 in the Status Register
are reset to ‘0’.
1X
50h
Program/Erase Suspend(9)
9.
Program/Erase Suspend. After the Program/Erase Suspend command has been accepted, issue Read
Memory Array, Read Status Register, Program (during Erase suspend) and Program/Erase resume
commands.
1X
B0h
Program/Erase Resume(10)
10. Program/Erase Resume. After the Program/Erase Resume command the suspended Program/Erase
operation resumes, read the Status Register until the Program/Erase Controller completes and the
memory returns to Read Mode.
1X
D0h
Invalid/Reserved(11)
11. Invalid/Reserved. Do not use Invalid or Reserved commands.
1X
00h
1X
01h
1X
60h
1X
2Fh
1X
C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com