Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC01 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # RC01
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC01 Datasheet(HTML) 1 Page - NXP Semiconductors

  RC01 Datasheet HTML 1Page - NXP Semiconductors RC01 Datasheet HTML 2Page - NXP Semiconductors RC01 Datasheet HTML 3Page - NXP Semiconductors RC01 Datasheet HTML 4Page - NXP Semiconductors RC01 Datasheet HTML 5Page - NXP Semiconductors RC01 Datasheet HTML 6Page - NXP Semiconductors RC01 Datasheet HTML 7Page - NXP Semiconductors RC01 Datasheet HTML 8Page - NXP Semiconductors RC01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1997 Feb 26
1
Philips Components
Product specification
Standard chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
FEATURES
• Low assembly costs
• High component and equipment
reliability
• Excellent performance at high
frequency, especially the RC31
• Complete standard SMD family.
APPLICATIONS
• All general purpose applications.
DESCRIPTION
The resistors are constructed on a
high grade ceramic body (aluminium
oxide). Internal metal electrodes are
added at each end and connected by
a resistive paste which is applied to
the top surface of the substrate. The
composition of the paste is adjusted
to give the approximate resistance
required and the value is trimmed to
within tolerance, by laser cutting of
this resistive layer.
The resistive layer is covered with a
protective coat and printed with the
resistance value. Finally, the two
external end terminations are added.
For ease of soldering the outer
layer of these end terminations is a
lead/tin alloy.
QUICK REFERENCE DATA
Note
1. Data for RC31 is preliminary.
DESCRIPTION
VALUE
RC01
RC11
RC21
RC31(1)
Size code
1206 (3216)
0805 (2012)
0603 (1608)
0402(1005)
Resistance range
1
Ω to 10 MΩ
10
Ω to 1 MΩ
Resistance tolerance and E-series
±5%, ±2%; E24 series
Temperature coefficient:
≤±200 × 10−6/K
1
Ω≤ R < 5 Ω≤ ±250 × 10−6/K
5
Ω≤ R ≤ 10 MΩ≤ ±200 × 10−6/K
Maximum dissipation at Tamb =70 °C
0.25 W
0.125 W
0.063 W
0.063 W
Maximum permissible voltage
200 V
(DC or RMS)
150 V
(DC or RMS)
50 V
(DC or RMS)
50 V
(DC or RMS)
Climatic category (IEC 68)
55/155/56
55/125/56
Basic specification
IEC 115-8
Stability after:
load, 1000 hours at Tamb = 70 °C:
∆R/R max.: ±3.0% +0.1 Ω
1
Ω≤ R ≤ 1MΩ∆R/R max.: ±1.5% +0.1 Ω
R>1M
Ω∆R/R max.: ±3.0% +0.1 Ω
climatic tests:
∆R/R max.: ±1.0% +0.1 Ω
1
Ω≤ R ≤ 1MΩ∆R/R max.: ±1.5% +0.1 Ω
R>1M
Ω∆R/R max.: ±3.0% +0.1 Ω
resistance to soldering heat
∆R/R max.: ±0.5% +0.05 Ω∆R/R max.: ±1.0% +0.1 Ω
short time overload
∆R/R max.: ±1.0% +0.05 Ω∆R/R max.: ±2.0% +0.1 Ω


Similar Part No. - RC01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
General purpose chip resistors
logo
Solid States Devices, I...
RC0100 SSDI-RC0100 Datasheet
30Kb / 1P
HIGH VOLTAGE RECTIFIER
logo
YAGEO Corporation
RC0100 YAGEO-RC0100 Datasheet
546Kb / 10P
Chip Resistor Surface Mount
May. 11, 2022 V.4
RC0100 YAGEO-RC0100 Datasheet
438Kb / 11P
High component and equipment
V.12 02, 2022
RC0100 YAGEO-RC0100 Datasheet
432Kb / 10P
GENERAL PURPOSE CHIP RESISTORS
August 02, 202 2 V.1 2
More results

Similar Description - RC01

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CRS0504 WILLOW-CRS0504 Datasheet
255Kb / 2P
Miniature/Standard Chip Resistors
logo
RHOPOINT COMPONENTS
CRS0504 RHOPOINT-CRS0504 Datasheet
46Kb / 2P
Standard Chip Resistors
logo
Vishay Siliconix
CRCW120647R0JNEA VISHAY-CRCW120647R0JNEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
logo
Bourns Electronic Solut...
CRCW060347K0JNEA BOURNS-CRCW060347K0JNEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
logo
Vishay Siliconix
CRCW040210M0FKED VISHAY-CRCW040210M0FKED Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06031K20FKEA VISHAY-CRCW06031K20FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW06036K80FKEA VISHAY-CRCW06036K80FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
CRCW08055K62FKEA VISHAY-CRCW08055K62FKEA Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
LAE1ACHIP0402KFE96 VISHAY-LAE1ACHIP0402KFE96 Datasheet
109Kb / 8P
Standard Thick Film Chip Resistors
04-Jun-12
D-CRCW VISHAY-D-CRCW Datasheet
121Kb / 10P
Standard Thick Film Chip Resistors
23-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com