Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC01 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # RC01
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC01 Datasheet(HTML) 3 Page - NXP Semiconductors

  RC01 Datasheet HTML 1Page - NXP Semiconductors RC01 Datasheet HTML 2Page - NXP Semiconductors RC01 Datasheet HTML 3Page - NXP Semiconductors RC01 Datasheet HTML 4Page - NXP Semiconductors RC01 Datasheet HTML 5Page - NXP Semiconductors RC01 Datasheet HTML 6Page - NXP Semiconductors RC01 Datasheet HTML 7Page - NXP Semiconductors RC01 Datasheet HTML 8Page - NXP Semiconductors RC01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1997 Feb 26
3
Philips Components
Product specification
Standard chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal
resistance are taken from the
E24 series for resistors with a
tolerance of
±5% or ±2%. The values
of the E24 series are in accordance
with
“IEC publication 63”.
Limiting values
Note
1. This is the maximum voltage that
may be continuously applied to
the resistor element, see
“IEC publication 115-8”.
TYPE
LIMITING
VOLTAGE(1)
(V)
LIMITING
POWER
(W)
RC01
200
0.25
RC11
150
0.125
RC21
50
0.063
RC31
DERATING
The power that the resistor can dissipate depends on the operating
temperature; see Fig.1.
Fig.1
Maximum dissipation (Pmax) in percentage of rated power
as a function of the ambient temperature (Tamb).
CCA443
0
− 55
50
70
100
155
125
100
50
0
Pmax
(%Prated)
RC31
RC01
RC11
RC21
Tamb (°C)
PULSE LOADING CAPABILITIES
These pulses may not be applied on a regular basis.
Fig.2
Maximum permissible peak pulse voltage without failing to ‘open circuit’
in accordance with DIN IEC 40 (CO) 533 for type: RC01.
handbook, full pagewidth
10
10 2
10 3
10 4
10 5
10 6
10 7
MBD641
10
4
10
10
2
10
3
V
R
(
Ω)
n
1.2/50
µs
10/700
µs
max
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com