Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # RC01
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC01 Datasheet(HTML) 2 Page - NXP Semiconductors

  RC01 Datasheet HTML 1Page - NXP Semiconductors RC01 Datasheet HTML 2Page - NXP Semiconductors RC01 Datasheet HTML 3Page - NXP Semiconductors RC01 Datasheet HTML 4Page - NXP Semiconductors RC01 Datasheet HTML 5Page - NXP Semiconductors RC01 Datasheet HTML 6Page - NXP Semiconductors RC01 Datasheet HTML 7Page - NXP Semiconductors RC01 Datasheet HTML 8Page - NXP Semiconductors RC01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1997 Feb 26
2
Philips Components
Product specification
Standard chip resistors
sizes 1206, 0805, 0603 and 0402
RC01/11/21/31
ORDERING INFORMATION
Table 1
Ordering code indicating resistor type and packaging
Notes
1. The jumper has a maximum resistance Rmax =50mΩ and a rated current IR =2A.
2. The jumper has a maximum resistance Rmax =50mΩ and a rated current IR =1A.
3. Embossed carrier tape available on request for types RC01 and RC11.
TYPE
TOL.
(%)
ORDERING CODE 2322 ... .....
CARDBOARD TAPE ON REEL(3)
BULK CASE
5000
units
10000
units
20000
units
10000
units
25000
units
100000
units
RC01
±5
711 61...
711 51...
711 81...
−−−
±2
711 41...
−
711 71...
−−−
RC11
±5
730 61...
730 71...
730 81...
731 81...
−−
±2
730 31...
−
730 41...
731 51...
−−
RC21
±5
702 60...
702 70...
702 81...
−
702 80...
−
±2
702 65...
−
702 75...
−
702 50...
−
RC31
±5
−
705 70...
−−−
705 80...
Jumper 0
Ω
RC01(1)
−
711 91032
711 91005
711 92004
−−−
RC11(1)
−
730 91002
730 91003
730 92002
731 91006
−−
RC21(2)
−
702 96001
702 97001
702 92002
−
702 91002
−
RC31(2)
−−
705 91001
−−−
705 91005
Ordering code (12NC)
• The resistors have a 12-digit
ordering code starting with 2322
• The subsequent 5 digits indicate
the resistor type and packaging;
see Table 1.
• The remaining 3 digits indicate the
resistance value:
– The first 2 digits indicate the
resistance value.
– The last digit indicates the
resistance decade in
accordance with Table 2.
Table 2
Last digit of 12NC
RESISTANCE
DECADE
LAST DIGIT
1 to 9.76
Ω
8
10 to 97.6
Ω
9
100 to 976
Ω
1
1 to 9.76 k
Ω
2
10 to 97.6 k
Ω
3
100 to 976 k
Ω
4
1 to 9.76 M
Ω
5
10 M
Ω
6
ORDERING EXAMPLE
The ordering code of a RC11 resistor,
value 4700
Ω with ±2% tolerance,
supplied on cardboard tape of
5000 units per reel is:
2322 730 31472.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com