Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC01 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # RC01
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC01 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button RC01 Datasheet HTML 3Page - NXP Semiconductors RC01 Datasheet HTML 4Page - NXP Semiconductors RC01 Datasheet HTML 5Page - NXP Semiconductors RC01 Datasheet HTML 6Page - NXP Semiconductors RC01 Datasheet HTML 7Page - NXP Semiconductors RC01 Datasheet HTML 8Page - NXP Semiconductors RC01 Datasheet HTML 9Page - NXP Semiconductors RC01 Datasheet HTML 10Page - NXP Semiconductors RC01 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
4.24.2
3 (Ca)
damp heat
(steady state)
(IEC)
56 days; 40
°C; 90 to 95% RH;
loaded with 0.01 Pn
(IEC steps: 4 to 100 V)
R
≤ 1MΩ∆R/R max.:
±1.5% +0.1 Ω
∆R/R max.:
±3% +0.1 Ω
R>1M
Ω∆R/R max.: ±3% +0.1 Ω
not applicable
4.25.1
endurance
(at 70
°C)
1000 hours; loaded with Pn or Vmax;
1.5 hours on and 0.5 hours off
R
≤ 1MΩ∆R/R max.:
±1.5% +0.1 Ω
∆R/R max.:
±3% +0.1 Ω
R>1M
Ω∆R/R max.: ±3% +0.1 Ω
not applicable
4.23.2
27 (Ba)
endurance at
upper category
temperature
1000 hours; no load
R
≤ 1MΩ∆R/R max.:
±1.5% +0.1 Ω
∆R/R max.:
±3% +0.1 Ω
R>1M
Ω∆R/R max.: ±3% +0.1 Ω
not applicable
4.8.4.2
temperature
coefficient
at 20/LCT/20
°C and 20/UCT/20 °C
(TC
× 10−6/K)
R<5
Ω≤ ±250
not applicable
R
≤ 10 MΩ≤ ±200
≤±200
Other tests in accordance with IEC 115 clauses and IEC 68 test method
4.17
20 (Tb)
solderability
(after ageing)
8 hours steam or 16 hours 155
°C;
unmounted chips completely
immersed for 2
±0.5 s in a solder
bath at 235
±5 °C
good tinning (
≥95% covered); no damage
4.6.1.1
insulation
resistance
voltage (DC) after 1 minute,
metal block method:
100 V for RC01 and RC11,
50 V for RC21 and RC31
Rins min.: 103 MΩ
4.12
noise
IEC publication 195
(measured with Quantech -
equipment)
R
≤ 1kΩ
max. 1
µV/V
R
≤ 10 kΩ
max. 3
µV/V
R
≤ 100 kΩ
max. 6
µV/V
R
≤ 1MΩ
max. 10
µV/V
Other applicable tests
humidity load
(steady state)
(JIS)
1000 hours; +40
°C; 90 to 95% RH;
loaded with Pn or Vmax;
1.5 hours on and 0.5 hours off
R
≤ 1MΩ∆R/R max.: ±3% +0.1 Ω
R>1M
Ω∆R/R max.: ±5% +0.1 Ω
not applicable
leaching
unmounted chips; 60 s; 260
±5 °C
good tinning; no leaching
trio damp heat
test
1 000 hours; +85
°C; 85% RH;
loaded with 0.1 Pn or Vmax
R
≤ 1MΩ∆R/R max.: ±3% +0.1 Ω
R>1M
Ω∆R/R max.: ±5% +0.1 Ω
not applicable
IEC
115-8
CLAUSE
IEC 68-2
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
RC01
RC11
RC21
RC31



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com