Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC01 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # RC01
Description  Standard chip resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

RC01 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button RC01 Datasheet HTML 3Page - NXP Semiconductors RC01 Datasheet HTML 4Page - NXP Semiconductors RC01 Datasheet HTML 5Page - NXP Semiconductors RC01 Datasheet HTML 6Page - NXP Semiconductors RC01 Datasheet HTML 7Page - NXP Semiconductors RC01 Datasheet HTML 8Page - NXP Semiconductors RC01 Datasheet HTML 9Page - NXP Semiconductors RC01 Datasheet HTML 10Page - NXP Semiconductors RC01 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
4.18
20 (Ta)
resistance to
soldering heat
unmounted chips; 10 s; 260
±5 °C
no visual
damage
∆R/R max.:
±0.5% +0.05 Ω;
no visual
damage
∆R/R max.:
±1% +0.1 Ω
4.29
45 (Xa)
component
solvent
resistance
isopropyl alcohol or H2O followed
by brushing in accordance with
“MIL 202 F”
no visual damage
4.17
20 (Ta)
solderability
unmounted chips completely
immersed for 2
±0.5 s in a solder
bath at 235
±5 °C
good tinning (
≥95% covered); no visual damage
4.7
voltage proof on
insulation
maximum voltage (RMS) during
1 minute metal block method
no breakdown or flashover
4.13
short time
overload
room temperature; P = 6.25
× P
n;
5 s (V
≤ 2 × Vmax)
∆R/R max.:
±1% +0.05 Ω
∆R/R max.:
±2% +0.1 Ω
4.33
bending
resistors mounted on a 90 mm
glass epoxy resin PCB (FR4),
bending: 3 mm for RC01 and
5 mm for RC11, RC21 and RC31
no visual damage
∆R/R max.: ±1% +0.05 Ω
4.19
14 (Na)
rapid change of
temperature
30 minutes at LCT and
30 minutes at UCT; 5 cycles
no visual
damage
∆R/R max.:
±0.5% +0.05 Ω
no visual
damage
∆R/R max.:
±2% +0.1 Ω
4.23
climatic
sequence:
4.23.3
30 (D)
damp heat
(accelerated)
1st cycle
4.23.6
30 (D)
damp heat
(accelerated)
remaining
cycles
6 days; 55
°C; 95 to 98% RH
Rins min.: 104 MΩ
R
≤ 1MΩ∆R/R max.:
±1.5% +0.1 Ω
∆R/R max.:
±1% +0.1 Ω
R>1M
Ω∆R/R max.: ±3% +0.1 Ω
not applicable
IEC
115-8
CLAUSE
IEC 68-2
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
RC01
RC11
RC21
RC31



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com