Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R3 Datasheet(PDF) 16 Page - ABB

Part # MUL1-R3
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R3 Datasheet(HTML) 16 Page - ABB

Back Button MUL1-R3 Datasheet HTML 12Page - ABB MUL1-R3 Datasheet HTML 13Page - ABB MUL1-R3 Datasheet HTML 14Page - ABB MUL1-R3 Datasheet HTML 15Page - ABB MUL1-R3 Datasheet HTML 16Page - ABB MUL1-R3 Datasheet HTML 17Page - ABB MUL1-R3 Datasheet HTML 18Page - ABB MUL1-R3 Datasheet HTML 19Page - ABB MUL1-R3 Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16 ABB general purpose drives ACS310 | Catalog
Options
How to select options
The options shown in the table below are available within
the ACS310 range. The control panels have an associated
4-figure option code, which is shown in the second column.
It is this code that replaces XXXX in the type code above.
*) To be ordered as separate item
1)
The ACS310 is compatible with ACS-CP-C basic control panel Rev M or later.
2)
The ACS310 is compatible with ACS-CP-A assistant control panel Rev E or later.
(New panel series manufactured since 2007 with serial number
XYYWWRXXXX, where year Y = 7 or greater and revision R = E, F, G, …)
Options
Ordering code
Description
Model
Protection class
68566398 *)
NEMA 1/UL type 1 (R0, R1, R2)
MUL1-R1
68566410 *)
NEMA 1/UL type 1 (R3)
MUL1-R3
3AUA0000023888 *)
NEMA 1/UL type 1 (R4)
MUL1-R4
Control panel
J400
Assistant control panel
ACS-CP-A
J404
Basic control panel
ACS-CP-C
Panel mounting kit
68294673 *)
Panel mounting kit
ACS/H-CP-EXT
3AUA0000013086 *)
Panel holder mounting kit
OPMP-01
Extension modules
L511
Relay output extension module. Option includes three (3)
additional relay outputs.
MREL-01
Tools
68566380 *)
FlashDrop tool
MFDT-01
64532871 *)
DriveWindow Light
DriveWindow Light
External options
*)
Input chokes
*)
EMC filters
*)
Output chokes
Remote monitoring
3AUA0000039179 *)
Ethernet adapter
SREA-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com