Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R3 Datasheet(PDF) 4 Page - ABB

Part # MUL1-R3
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R3 Datasheet(HTML) 4 Page - ABB

  MUL1-R3 Datasheet HTML 1Page - ABB MUL1-R3 Datasheet HTML 2Page - ABB MUL1-R3 Datasheet HTML 3Page - ABB MUL1-R3 Datasheet HTML 4Page - ABB MUL1-R3 Datasheet HTML 5Page - ABB MUL1-R3 Datasheet HTML 6Page - ABB MUL1-R3 Datasheet HTML 7Page - ABB MUL1-R3 Datasheet HTML 8Page - ABB MUL1-R3 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4 ABB general purpose drives ACS310 | Catalog
Essentials inside for basic applications
ACS310 drives are simple and easy with all essentials included for applications with no high overload demand.
Compact design with flexible mounting options saves space and installation time. Short menus and preprogrammed
macros makes commissioning fast and easy. The drives powerful set of pump and fan features reduce
mechanical stress and thus maintenance costs. Within pumping applications, energy savings of up to 50% can be
achieved compared to direct-on-line motor-driven systems that use mechanical flow control methods. Wherever your
machine is located, the local ABB will be there to support you and your clients.
Multipump and -fan control
One drive controls several pumps or fans
and eliminates the need for an external
programmable logic controller. One pump
is drive controlled and auxiliary pumps are
on/off controlled. This reduces the motor
stress and increase lifetime when auxiliary
motors are driven according to the needed
pump/fan capacity. Interlock function
enables one motor to be disengaged from
the mains supply while others continue
operating in parallel.
Quick and easy commissioning
Predefined I/O configurations
for application macros and built-in
assistants speed up commissioning of the
drive, allowing you to concentrate on your
business.
Robust design and quality
ACS310 has coated control boards to
increase robustness. Automatic fault reset
to ensure uninterrupted operation. And
protection against unstable supply networks.
Energy optimizer
Intelligent drive control method
improving the energy efficiency and
system operation, especially while
operating on partial centrifugal loads.
Load analyzer
Built-in statistical tool that saves process data, such as
current and torque values, which can be used to analyze
and optimise the process. It can also be used for
following system behaviour before and after any
system modifications.
Compact and space saving design
Compact size, with power range from 0.37
to 22 kW and flexible mounting possibilities
ensure optimized installation in a wide range of
applications, resulting in space and cost
savings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com