Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R3 Datasheet(PDF) 12 Page - ABB

Part # MUL1-R3
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R3 Datasheet(HTML) 12 Page - ABB

Back Button MUL1-R3 Datasheet HTML 8Page - ABB MUL1-R3 Datasheet HTML 9Page - ABB MUL1-R3 Datasheet HTML 10Page - ABB MUL1-R3 Datasheet HTML 11Page - ABB MUL1-R3 Datasheet HTML 12Page - ABB MUL1-R3 Datasheet HTML 13Page - ABB MUL1-R3 Datasheet HTML 14Page - ABB MUL1-R3 Datasheet HTML 15Page - ABB MUL1-R3 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12 ABB general purpose drives ACS310 | Catalog
Fuses
Reference voltage
+10 V DC, max 10 mA
Analog input 2
Aux. voltage output
+24 V DC, max. 200 mA
Selection table
Type designation
Frame
size
IEC fuses
UL fuses
max [A]
Fuse
type
1)
max [A]
Fuse
type
1)
1-phase AC supply, 200 to 240 V
ACS310-01X-02A4-2
R0
10
gG
10
UL class T
ACS310-01X-04A7-2
R1
16
gG
20
UL class T
ACS310-01X-06A7-2
R1
16
gG
25
UL class T
ACS310-01X-07A5-2
R2
20
gG
30
UL class T
ACS310-01X-09A8-2
R2
25
gG
35
UL class T
3-phase AC supply, 200 to 240 V
ACS310-03X-02A6-2
R0
10
gG
10
UL class T
ACS310-03X-03A9-2
R0
10
gG
10
UL class T
ACS310-03X-05A2-2
R1
10
gG
15
UL class T
ACS310-03X-07A4-2
R1
16
gG
15
UL class T
ACS310-03X-08A3-2
R1
16
gG
15
UL class T
ACS310-03X-10A8-2
R2
16
gG
20
UL class T
ACS310-03X-14A6-2
R2
25
gG
30
UL class T
ACS310-03X-19A4-2
R2
25
gG
35
UL class T
ACS310-03X-26A8-2
R3
63
gG
60
UL class T
ACS310-03X-34A1-2
R4
80
gG
80
UL class T
ACS310-03X-50A8-2
R4
100
gG
100
UL class T
3-phase AC supply, 380 to 480 V
ACS310-03X-01A3-4
R0
10
gG
10
UL class T
ACS310-03X-02A1-4
R0
10
gG
10
UL class T
ACS310-03X-02A6-4
R1
10
gG
10
UL class T
ACS310-03X-03A6-4
R1
10
gG
10
UL class T
ACS310-03X-04A5-4
R1
16
gG
15
UL class T
ACS310-03X-06A2-4
R1
16
gG
15
UL class T
ACS310-03X-08A0-4
R1
16
gG
20
UL class T
ACS310-03X-09A7-4
R1
20
gG
25
UL class T
ACS310-03X-13A8-4
R3
25
gG
30
UL class T
ACS310-03X-17A2-4
R3
35
gG
35
UL class T
ACS310-03X-25A4-4
R3
50
gG
50
UL class T
ACS310-03X-34A1-4
R4
80
gG
80
UL class T
ACS310-03X-41A8-4
R4
100
gG
100
UL class T
ACS310-03X-48A4-4
R4
100
gG
100
UL class T
The rated fuse currents given in the table are the maximums for the
mentioned fuse types.
Fuses
Standard fuses can be used with ACS310 drives for branch
circuit protection. Use the following table for selecting the
correct input fuse for each drive.
X within the type designation stands for E or U.
*) According to IEC-60269 standard.
For U.S. market please see ACS310 U.S. catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com