Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUL1-R3 Datasheet(PDF) 2 Page - ABB

Part # MUL1-R3
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MUL1-R3 Datasheet(HTML) 2 Page - ABB

  MUL1-R3 Datasheet HTML 1Page - ABB MUL1-R3 Datasheet HTML 2Page - ABB MUL1-R3 Datasheet HTML 3Page - ABB MUL1-R3 Datasheet HTML 4Page - ABB MUL1-R3 Datasheet HTML 5Page - ABB MUL1-R3 Datasheet HTML 6Page - ABB MUL1-R3 Datasheet HTML 7Page - ABB MUL1-R3 Datasheet HTML 8Page - ABB MUL1-R3 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2 ABB general purpose drives ACS310 | Catalog
ACS310 drives for a wide range of variable torque applications
ABB general purpose drive, ACS310 is easy to select and
easy to use. It is enough for most basic applications with no
high overload demands. ACS310 is suitable for wide range of
variable torque applications and simple machines.
The drive’s dedicated pump and fan features lower operating
costs, boost energy efficiency and reduces CO2 emissions.
Included amongs these features are built-in PID controllers
and PFC (pump and fan control) that varies the drive’s
performance in response to changes in pressure, flow or other
external data.
Among the pre-programmed protection functions is pump
cleaning. This prevents pump and pipe clogging by initiating
a sequence of forward and reverse runs of the pump to clean
the impeller.
Within pumping applications, energy savings can be
up to 50 percent, compared to direct-on-line motor-driven
systems that use mechanical flow control methods. The ABB
general purpose drives provide built-in features for efficient
energy management. Energy savings can be easily monitored
using the built-in counters that display energy savings in
kilowatt hours and saved carbon dioxide emissions. The
savings can also be displayed in local currencies.
The compact design and uniform dimensions make cabinet
mounting of the drive straightforward, thereby providing
a fast and space saving installation. The ACS310 drives have
an embedded Modbus interface for system monitoring that
saves the cost of external fieldbus devices and enables to
integrate the drives easily with PLC. When combined with
preprogrammed application macros, an intuitive user interface
and several assistant screens, installation time is further
reduced while speeding up parameter setting and drive
commissioning.
The ACS310 drives meet the needs of OEMs, logistical and
technical distributors as well as the requirements of end
users with pumping and ventilation applications. The drives
are supported by one of the most extensive global sales and
service networks with presence in over 100 countries.
Highlights
− Powerful set of pump and fan features
− Boosted energy efficiency
− Tailored for cabinet installations
− Clever drive commissioning assistants and convenient user
interface
− Motor noice smoothing
− Worldwide availability and service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com