Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908708 Datasheet(PDF) 6 Page - Pycom

Part # 0700461908708
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908708 Datasheet(HTML) 6 Page - Pycom

Back Button 0700461908708 Datasheet HTML 2Page - Pycom 0700461908708 Datasheet HTML 3Page - Pycom 0700461908708 Datasheet HTML 4Page - Pycom 0700461908708 Datasheet HTML 5Page - Pycom 0700461908708 Datasheet HTML 6Page - Pycom 0700461908708 Datasheet HTML 7Page - Pycom 0700461908708 Datasheet HTML 8Page - Pycom 0700461908708 Datasheet HTML 9Page - Pycom 0700461908708 Datasheet HTML 10Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
06
7.0
ESP32 Peripherals
Table 2 – Peripherals
Figure 3 – External RTC crystal circuits
† These are hardware limits, the micropython firmware may impose its own limits.
* Requires an external CAN bus transceiver, we recommend the SN65HVD230 from Texas Instruments.
For a more detailed description of the ESP32 peripherals
along with peripherals not currently supported by our
firmware, please check the ESP32 datasheet.
7.1
RTC
Our modules by default all use the internal RC oscillator
at 150kHz for the RTC. If you require better accuracy/
stability you can connect a 32.768 kHz crystal (or TCXO)
externally on pins P19 and P20 (or P19 for a TXCO)
Peripheral
Count
Pins
UART
3
Remappable to any GPIO.
Note: P13–18 can only be mapped to RX or CTS since they are input only.
I2C
2
Remappable to any GPIO except P13–18 since they are input only and I2C is bi–directional.
SPI
3
Remappable to any GPIO.
Note: P13–18 can only be mapped to MISO since they are input only.
CAN*
1
Remappable to any GPIO.
Note: P13–18 can only be mapped to RX since they are input only.
JTAG
1
TDO = P4, TDI = P9, TCK = P10, TMS = P24
PWM
1
All GPIO except P13–18 which are input only
ADC
18
Fixed mapping, see Table 1, Only ADC 1 is supported in our micropython firmware.
DAC
2
Only available on P21 and P22
SD
1
DAT0 = P8, SCLK = P23, CMD = P4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com