Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908708 Datasheet(PDF) 17 Page - Pycom

Part # 0700461908708
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908708 Datasheet(HTML) 17 Page - Pycom

Back Button 0700461908708 Datasheet HTML 13Page - Pycom 0700461908708 Datasheet HTML 14Page - Pycom 0700461908708 Datasheet HTML 15Page - Pycom 0700461908708 Datasheet HTML 16Page - Pycom 0700461908708 Datasheet HTML 17Page - Pycom 0700461908708 Datasheet HTML 18Page - Pycom 0700461908708 Datasheet HTML 19Page - Pycom 0700461908708 Datasheet HTML 20Page - Pycom 0700461908708 Datasheet HTML 21Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
14.0 Electrical Characteristics
14.1
Absolute maximum ratings
14.2
Input/Output characteristics
Table 15 – Absolute maximum ratings
Table 22 – Input/Output characteristics
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Input Voltage
VIN
3.5
5.5
V
Supply Output Current
IOUT
1.2
A
Supply Output Voltage
V3V3
3.3
V
Storage Temperature
TSTR
°C
Operating Temperature
TOPR
–40
85
°C
Moisture Sensitivity Level
MSL
1
Parameter
Symbol
Min
Typ.
Max
Unit
Input low voltage
VIL
–0.3
0.25×V3V3
V
Input high voltage
VIH
0.75×V3V3
V3V3+0.3
V
Max Input sink current
ISINK
6
12
mA
Input leakage current
IIL
50
nA
Input pin capacitance
Cpin
2
pF
Output low voltage
VOL
0.1×V3V3
V
Output high voltage
VOH
0.8×V3V3
V
Max Output source current
ISOURCE
6
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com