Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908708 Datasheet(PDF) 22 Page - Pycom

Part # 0700461908708
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908708 Datasheet(HTML) 22 Page - Pycom

Back Button 0700461908708 Datasheet HTML 17Page - Pycom 0700461908708 Datasheet HTML 18Page - Pycom 0700461908708 Datasheet HTML 19Page - Pycom 0700461908708 Datasheet HTML 20Page - Pycom 0700461908708 Datasheet HTML 21Page - Pycom 0700461908708 Datasheet HTML 22Page - Pycom 0700461908708 Datasheet HTML 23Page - Pycom 0700461908708 Datasheet HTML 24Page - Pycom 0700461908708 Datasheet HTML 25Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
19.0 Soldering Profile
Figure 10 – Reflow soldering temperature profile
The above profile is based on Alpha CVP–390 solder paste, which has been successfully tested with our devices.
Table 17 – Soldering profile temperatures
Stage
Duration/Rate
Temperature
Ramp to soak
2°C/s
Ambient – 185°C
Soak
60s
185°C
Ramp to peak
1°C/s
240°C
Reflow
45s
>225°C
Cool down
2°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com