Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908708 Datasheet(PDF) 5 Page - Pycom

Part # 0700461908708
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908708 Datasheet(HTML) 5 Page - Pycom

  0700461908708 Datasheet HTML 1Page - Pycom 0700461908708 Datasheet HTML 2Page - Pycom 0700461908708 Datasheet HTML 3Page - Pycom 0700461908708 Datasheet HTML 4Page - Pycom 0700461908708 Datasheet HTML 5Page - Pycom 0700461908708 Datasheet HTML 6Page - Pycom 0700461908708 Datasheet HTML 7Page - Pycom 0700461908708 Datasheet HTML 8Page - Pycom 0700461908708 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
05
6.0
Pin Details
Table 1 – Module pinout
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
23
37
P14
MISO
1
Input only
24
38
P15
1
Input only
25
39
P16
1
Input only
26
35
P17
1
Input only
27
34
P18
1
Input only
28
32
P19
1
29
33
P20
1
30
26
P21
2*
DAC
31
25
P22
2*
DAC
32
14
P23
2*
JTAG TMS, SD card SCLK
33
–
–
3.3V input
This supply should be able to source
650mA
34
–
–
Ground
35
–
–
1.8V Output
Only when the device is active, during
deep sleep this drops to 0V
† The pins on the RTC power domain can be used during deep sleep, specifically GPIO pins will maintain their state while in deep sleep.
* ADC2 is currently not supported in the micropython firmware
6.1
Remapping Pins
The ESP32 features comprehensive pin remapping
functionality. This allows peripherals to be mapped
onto almost any available GPIO pins. The above table
merely shows the default assignments. For example, the
default mapping has the SPI and I2C clocks overlapping,
meaning both cannot be used simultaneously without
remapping one to a different pin. For a detailed guide of
what peripheral can be assigned to what pins please read
“Appendix A – ESP32 Pin Lists” of the ESP32 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com