Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908708 Datasheet(PDF) 1 Page - Pycom

Part # 0700461908708
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908708 Datasheet(HTML) 1 Page - Pycom

  0700461908708 Datasheet HTML 1Page - Pycom 0700461908708 Datasheet HTML 2Page - Pycom 0700461908708 Datasheet HTML 3Page - Pycom 0700461908708 Datasheet HTML 4Page - Pycom 0700461908708 Datasheet HTML 5Page - Pycom 0700461908708 Datasheet HTML 6Page - Pycom 0700461908708 Datasheet HTML 7Page - Pycom 0700461908708 Datasheet HTML 8Page - Pycom 0700461908708 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
01
1.0
Overview
Introducing the W01 OEM Module. The tiny MicroPython
enabled Wifi & Bluetooth IoT development platform.
With a 1KM WiFi range, state of the art Espressif ESP32
chipset and dual processor, the W01 is all about taking
the Internet of Things to the next level. Create and
connect your things everywhere. Fast.
2.0
Features
– Powerful CPU, BLE and state of the art WiFi radio
– Can also double up as a Nano LoRa gateway
– MicroPython enabled
– Can be directly surface mount inside your product like
a regular component
– Ultra–low power usage: a fraction compared to other
connected micro controllers
Size
20mm x 16mm x 2.7mm
Operating temperature
–40 to +85 °C
8MB flash
memory
ESP32 Dual Core
Microcontroller and
WiFi/Bluetooth 4.2 radio


Similar Part No. - 0700461908708

ManufacturerPart #DatasheetDescription
logo
Pycom
0700461908739 PYCOM-0700461908739 Datasheet
1Mb / 33P
the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
Version 1.0
0700461908746 PYCOM-0700461908746 Datasheet
1Mb / 33P
the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
Version 1.0
More results

Similar Description - 0700461908708

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75KTA062134-200 IDT-75KTA062134-200 Datasheet
68Kb / 2P
Network Search Engine Development Board for the Intel짰 IXDP2400 Development Platform
logo
Axiomtek Co., Ltd.
IFO2225-851-FL AXIOMTEK-IFO2225-851-FL Datasheet
359Kb / 2P
Optional bluetooth/internal WiFi
logo
Microchip Technology
30010020A MICROCHIP-30010020A Datasheet
1Mb / 2P
Lighting Communications Development Platform
2013
logo
Silicon Laboratories
UPIO-M3U1XX SILABS-UPIO-M3U1XX Datasheet
768Kb / 28P
The Unified Development Platform (UDP) provides a development
logo
Maxim Integrated Produc...
MAX32620FTHR MAXIM-MAX32620FTHR Datasheet
2Mb / 11P
Rapid Development Platform
Rev 0; 11/17
logo
Advantech Co., Ltd.
WISE-3620 ADVANTECH-WISE-3620 Datasheet
549Kb / 2P
Wireless IoT WiFi Network Gateway
logo
Maxtena Inc.
MEA-2400-SMA MAXTENA-MEA-2400-SMA Datasheet
737Kb / 3P
WIFI/BLUETOOTH/ISM ANTENNA
REV A
logo
ON Semiconductor
EVBUM2589 ONSEMI-EVBUM2589 Datasheet
5Mb / 27P
Bluetooth Low Energy IoT Development Kit (B-IDK) Getting Started Guide
September, 2019 ??Rev. 4
logo
Advantech Co., Ltd.
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
Enterprise IoT Network Platform
ESRP-PCS-ADAM3600 ADVANTECH-ESRP-PCS-ADAM3600_V01 Datasheet
810Kb / 2P
Cloud-Enabled Modular DAQ Platform for Industrial IoT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com