Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDM2004D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GDM2004D
Description  SPECIFICATIONS OF LCD MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GDM2004D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GDM2004D Datasheet HTML 1Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 2Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 3Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 4Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 5Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 6Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 7Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 8Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GDM2004D-FL-YBW
VER 1.0
2/9
2003/12/09
Block diagram
DB0-DB7
E
R/W
RS
VDD
V0
VSS
LED BKL
LCD PANEL
SEG
COM
SEG
LCD
AND
DRIVER
DRIVER
LCD
CONTROLLER
LED-
LED+
R
Interface pin description
Pin no.
Symbol
External
connection
Function
1
VSS
Signal ground for LCM (GND)
2
VDD
Power supply for logic (+5V) for LCM
3
V0
Power supply
Contrast adjust
4
RS
MPU
Register select signal
5
R/W
MPU
Read/write select signal
6
E
MPU
Operation (data read/write) enable signal
7~10
DB0~DB3
MPU
Four low order bi-directional three-state data bus lines.
Used for data transfer between the MPU and the LCM.
These four are not used during 4-bit operation.
11~14
DB4~DB7
MPU
Four high order bi-directional three-state data bus lines.
Used for data transfer between the MPU
15
LED+
Power supply for BKL (Anode)
16
LED-
LED BKL power
Supply
Power supply for BKL (GND)
Contrast adjust
A)For Single Source
For Module with Normal Temperature Range Fluid
VDD~V0: LCD Driving voltage
VR: 10k~20k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com