Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDM2004D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GDM2004D
Description  SPECIFICATIONS OF LCD MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GDM2004D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GDM2004D Datasheet HTML 1Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 2Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 3Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 4Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 5Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 6Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 7Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 8Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GDM2004D-FL-YBW
VER 1.0
5/9
2003/12/09
Instruction description
Outline
To overcome the speed difference between the internal clock of KS0066U and the MPU clock, KS0066U performs
internal operations by storing control in formations to IR or DR. The internal operation is determined according to the
signal from MPU, composed of read/write and data bus (Refer to Table7).
Instructions can be divided largely into four groups:
1)
KS0066U function set instructions (set display methods, set data length, etc.)
2)
Address set instructions to internal RAM
3)
Data transfer instructions with internal RAM
4)
Others
The address of the internal RAM is automatically increased or decreased by 1.
Note: during internal operation, busy flag (DB7) is read “High”.
Busy flag check must be preceded by the next instruction.
When an MPU program with checking the busy flag (DB7) is made, it must be necessary 1/2 fuss for executing
the next instruction by the falling edge of the “E” signal after the busy flag (DB7) goes to “LOW”.
Contents
1)
Clear display
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
1
Clear all the display data by writing “20H” (space code) to all DDRAM address, and set DDRAM address to “00H” into
AC (address counter).
Return cursor to the original status, namely, brings the cursor to the left edge on the fist line of the display.
Make the entry mode increment (I/D=“High”).
2)
Return home
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
1
-
Return home is cursor return home instruction.
Set DDRAM address to “00H” into the address counter.
Return cursor to its original site and return display to its original status, if shifted.
Contents of DDRAM does not change.
3)
Entry mode set
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
I/D
SH
Set the moving direction of cursor and display.
I/D: increment / decrement of DDRAM address (cursor or blink)
When I/D=“high”, cursor/blink moves to right and DDRAM address is increased by 1.
When I/D=“Low”, cursor/blink moves to left and DDRAM address is increased by 1.
*CGRAM operates the same way as DDRAM, when reading from or writing to CGRAM.
(I/D=“high”. shift left, I/D=“Low”. Shift right).
4)
Display ON/OFF control
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
1
D
C
B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com