Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDM2004D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GDM2004D
Description  SPECIFICATIONS OF LCD MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GDM2004D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GDM2004D Datasheet HTML 1Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 2Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 3Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 4Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 5Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 6Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 7Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 8Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GDM2004D
SPECIFICATIONS OF
LCD MODULE
Features
1. 5x8 dots
2. Built-in controller (S6A0069 or equivalent)
3. +5V power supply
4. 1/16 duty cycle
5. LED Backlight
Outline dimension
Unit: mm
Absolute maximum ratings
Item
Symbol
Standard
Unit
Power voltage
VDD-VSS
0
-
7.0
Input voltage
VIN
VSS
-
VDD
V
Operating temperature range
Top
0
-
+50
Storage temperature range
Tst
-10
-
+60
℃
Environmental Humidity
RH≤70%
Expected Life Time
≥
50000
H
Wide temperature range is available
(operating/storage temperature as –20~+70/-30~+80 )


Similar Part No. - GDM2004D

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
GDM20830 POWEREX-GDM20830 Datasheet
317Kb / 6P
Gate Turn-off (GTO) Thyristor Module
More results

Similar Description - GDM2004D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG-16080A ETC2-AG-16080A Datasheet
181Kb / 15P
SPECIFICATIONS FOR LCD MODULE
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
SPECIFICATIONS FOR LCD MODULE
logo
List of Unclassifed Man...
GDM128128A ETC2-GDM128128A Datasheet
108Kb / 14P
SPECIFICATIONS OF LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com