Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDM2004D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GDM2004D
Description  SPECIFICATIONS OF LCD MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GDM2004D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GDM2004D Datasheet HTML 1Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 2Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 3Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 4Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 5Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 6Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 7Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 8Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GDM2004D-FL-YBW
VER 1.0
3/9
2003/12/09
Optical characteristics
STN type display module (Ta=25℃, VDD=5.0V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
θ
-60
-
35
Viewing angle
Φ
Cr≥2
-40
-
40
deg
Contrast ratio
Cr
-
15
-
-
Response time (rise)
Tr
-
-
150
250
Response time (fall)
Tr
-
-
150
250
ms
Electrical characteristics
LED ratings
Item
Symbol
Min
Typ.
Max
Unit
Forward Voltage
VF
3.8
4.0
4.4
V
Forward current
IF
240
mA
Power
P
1.01
W
Peak wave length
λp
568
nm
Luminance
Lv
185
Cd/m2
Operating temperature range
VOP
-20
-
+70
Storage temperature range
VST
-25
-
+80
℃
DC characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage for LCD
VDD-V0
Ta =25℃
-
4.6
-
Input voltage
VDD
4.7
-
5.5
Backlight supply voltage
VF
-
4.1
4.3
V
Supply current
IDD
Ta=25℃, VDD=5.0V
-
1.5
3
Backlight supply current
IF
VDD=5.0V R=6.8
150
mA
Input leakage current
ILKG
-
-
1.0
uA
“H” level input voltage
VIH
2.2
-
VDD
“L” level input voltage
VIL
Twice initial value or less
0
-
0.6
“H” level output voltage
VOH
LOH=-0.25mA
2.4
-
-
“L” level output voltage
VOL
LOH=1.6mA
-
-
0.4
V
Read cycle (Ta=25℃, VDD=5.0V)
Parameter
Symbol
Test pin
Min.
Typ.
Max.
Unit
Enable cycle time
tc
500
-
-
Enable pulse width
tw
300
-
-
Enable rise/fall time
tr, tf
E
-
-
25
RS; R/W setup time
tsu
100
-
-
RS; R/W address hold time
th
RS; R/W
RS; R/W
10
-
-
Read data output delay
td
60
-
90
Read data hold time
tdh
DB0~DB7
20
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com