Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDM2004D Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GDM2004D
Description  SPECIFICATIONS OF LCD MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GDM2004D Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GDM2004D Datasheet HTML 1Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 2Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 3Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 4Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 5Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 6Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 7Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 8Page - List of Unclassifed Manufacturers GDM2004D Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GDM2004D-FL-YBW
VER 1.0
6/9
2003/12/09
Control display/cursor/blink ON/OFF 1 bit register.
D: Display ON/OFF control bit
When D=“High”, entire display is turned on.
When D=“Low”, display is turned off, but display data remains in DDRAM.
C: cursor ON/OFF control bit
When D=“High”, cursor is turned on.
When D=“Low”, cursor is disappeared in current display, but I/D register preserves its data.
B: Cursor blink ON/OFF control bit
When B=“High”, cursor blink is on, which performs alternately between all the “High” data and display characters at the
cursor position.
When B=“Low”, blink is off.
5)
Cursor or display shift
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
1
S/C
R/L
-
-
Shifting of right/left cursor position or display without writing or reading of display data.
This instruction is used to correct or search display data. (Refer to Table 6)
During 2-line mode display, cursor moves to the 2nd line after the 40th digit of the 1st line.
When display data is shifted repeatedly, each line is shifted individually.
When display shift is performed, the contents of the address counter are not changed.
Shift patterns according to S/C and R/L bits
S/C
R/L
Operation
0
0
Shift cursor to the left, AC is decreased by 1
0
1
Shift cursor to the right, AC is increased by 1
1
0
Shift all the display to the left, cursor moves according to the display
1
1
Shift all the display to the right, cursor moves according to the display
6)
Function set
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
1
DL
N
F
-
-
DL: Interface data length control bit
When DL=“High”, it mans 8-bit bus mode with MPU.
When DL=“Low”, it mans 4-bit bus mode with MPU. Hence, DL is a signal to select 8-bit or 4-bit bus mode.
When 4-but bus mode, it needs to transfer 4-bit data twice.
N: Display line number control bit
When N=“Low”, 1-line display mode is set.
When N=“High”, 2-line display mode is set.
F: Display line number control bit
When F=“Low”, 5x8 dots format display mode is set.
When F=“High”, 5x11 dots format display mode.
7)
Set CGRAM address
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
1
AC5
AC4
AC3
AC2
AC1
AC0
Set CGRAM address to AC.
The instruction makes CGRAM data available from MPU.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com