Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2032 Datasheet(PDF) 17 Page - ABB

Part # EPP-R2032
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2032 Datasheet(HTML) 17 Page - ABB

Back Button EPP-R2032 Datasheet HTML 13Page - ABB EPP-R2032 Datasheet HTML 14Page - ABB EPP-R2032 Datasheet HTML 15Page - ABB EPP-R2032 Datasheet HTML 16Page - ABB EPP-R2032 Datasheet HTML 17Page - ABB EPP-R2032 Datasheet HTML 18Page - ABB EPP-R2032 Datasheet HTML 19Page - ABB EPP-R2032 Datasheet HTML 20Page - ABB EPP-R2032 Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
—
The EQ series are meters for single
phase and three phase metering. The
EQ series meters are mounted on a
DIN rail and are suitable for installation
in distribution boards and small
enclosures such as consumer units.
17
Inputs and outputs*
The EQ series support two inputs and two
outputs in a fixed configuration. Inputs can be
used for counting pulses from e.g. a water meter,
or reading status from external devices. Outputs
can be used as pulse outputs or controlling
external apparatus like a contactor or an alarm
(connected via an external relay).
Approvals*
The EQ series meters are type approved
according to IEC and they are both type approved
and verified according to MID. MID is the
Measuring Instruments Directive 2004/22/EC
from the European Commission. MID type
approval and verification is mandatory for meters
in billing applications within EU and EEA. The
type approval is according to standards that
covers all relevant technical aspects of the meter.
These include climate conditions, electromagnetic
compatibility (EMC), electrical requirements,
mechanical requirements and accuracy.
—
02 EQ series meters
* Dependant upon EQ Series metal selected
—
02
The EQ series are suitable in applications where
there is a need for reliable energy measurements
and where space is limited.
General features
The EQ series meters are versatile meters for
many applications and installations. Navigating
the meter is easily done via the push-buttons
below the display. To configure the meter
settings, the set button must be accessed and
this button is protected against unauthorized use
when the transparent lid on the front of the meter
is closed and sealed. The power consumption of
the meter is very low, less than 0.8 VA.
Communication*
Data from the EQ series meters can be collected
via pulse output or serial communication. The
pulse output is a solid state relay that generates
pulses proportionally to the measured energy.
The meters can also be equipped with built-in
serial communication interfaces for M-Bus or
Modbus (RS-485).
Instrumentation*
The EQ series meters support reading of
instrument values. A large number of electrical
properties can be read. Depending on version of
the meter the following data is available:
• Active power
• Apparent power
• Reactive power
• Current
• Voltage
• Frequency
• Power factor
K E Y MOD UL A R COM P ON EN T S - EN ER G Y M E T ER I NG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com